Electronic Components Datasheet Search
  English  ▼

X  

VT98501 Datasheet(PDF) 3 Page - Vaishali Semiconductor

Part # VT98501
Description  3.3V Low Phase Noise Clock Multiplier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT98501 Datasheet(HTML) 3 Page - Vaishali Semiconductor

  VT98501 Datasheet HTML 1Page - Vaishali Semiconductor VT98501 Datasheet HTML 2Page - Vaishali Semiconductor VT98501 Datasheet HTML 3Page - Vaishali Semiconductor VT98501 Datasheet HTML 4Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VT98501
Advance Information
2001-03-05
Page 3
MDST-0009-00
Vaishali Semiconductor
1300 White Oaks Road, Ste 200
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 4. Absolute Maximum Ratings
Parameter
Conditions
Min
Typ
Max
Units
Supply voltage, VDD
Referenced to GND
4.6
V
Inputs and Clock Outputs
Referenced to GND
-0.5
4.6
V
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
Table 5. Operating Conditions
Parameter
Min
Typ
Max
Units
Ambient Operating Temperature
0
70
°C
Operating Voltage, VDD
3
3.6
V
Input High Voltage, VIH, X1 pin only
2.5
1.65
V
Input Low Voltage, VIL, X1 pin only
1.65
0.5
V
Input High Voltage, VIH, OE pin
2
V
Input Low Voltage, VIL, OE pin
0.8
V
Input High Voltage, VIH, trinary inputs
VDD-0.5
V
Input Low Voltage, VIL, trinary inputs
0.5
V
DC Characteristics
Table 6. DC Characteristics
VDD = 3V to 3.6V
Parameter
Condition
Min
Typ
Max
Units
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
Operating Supply Current, IDD (20 MHz Xtal)
No Load, 100MHz
25
mA
Short Circuit Current
CLK output
±100
mA
Input Capacitance
S0, S1, OE
4
pF
Frequency synthesis error
0
ppm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com