Electronic Components Datasheet Search
  English  ▼

X  

BSV08WALN Datasheet(PDF) 5 Page - Bright View Electronic Co., LTD.

Part # BSV08WALN
Description  SIDE VIEW LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BSV08WALN Datasheet(HTML) 5 Page - Bright View Electronic Co., LTD.

  BSV08WALN Datasheet HTML 1Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 2Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 3Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 4Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 5Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 6Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 7Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 8Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 9Page - Bright View Electronic Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
■ Bin Grade Limits ( I
F = 20 mA* ) Luminous Intensity / mcd
Unit
mcd
mcd
mcd
mcd
mcd
mcd
mcd
mcd
mcd
mcd
mcd
mcd
mcd
mcd
mcd
mcd
1. Luminous Intensity measurement allowance is 10%.
■ Bin Grade Limits ( I
F = 20 mA* ) Chromaticity Coordinates
Bin
Bin
x
0.2630
0.2600
0.2690
0.2720
x
0.2910
0.2880
0.2960
0.2980
y
0.2435
0.2475
0.2610
0.2580
y
0.2580
0.2620
0.2760
0.2710
x
0.2720
0.2630
0.2720
0.2800
x
0.2910
0.2887
0.2968
0.2990
y
0.2340
0.2435
0.2580
0.2480
y
0.2870
0.2916
0.3058
0.3010
x
0.2755
0.2720
0.2800
0.2830
x
0.2960
0.2910
0.2990
0.3040
y
0.2310
0.2340
0.2480
0.2440
y
0.2760
0.2870
0.3010
0.2900
x
0.2690
0.2793
0.2820
0.2720
x
0.2980
0.2960
0.3040
0.3062
y
0.2610
0.2755
0.2720
0.2580
y
0.2710
0.2760
0.2900
0.2853
x
0.2800
0.2720
0.2820
0.2880
x
0.2990
0.2968
0.3048
0.3070
y
0.2480
0.2580
0.2720
0.2620
y
0.3010
0.3058
0.3198
0.3150
x
0.2830
0.2800
0.2880
0.2910
x
0.3040
0.2990
0.3070
0.3120
y
0.2440
0.2480
0.2620
0.2580
y
0.2900
0.3010
0.3150
0.3040
x
0.2820
0.2793
0.2887
0.2910
x
0.3062
0.3040
0.3120
0.3142
y
0.2720
0.2755
0.2916
0.2870
y
0.2853
0.2900
0.3040
0.2993
x
0.2880
0.2820
0.2910
0.2960
y
0.2620
0.2720
0.2870
0.2760
*.Color Coordinates Measurement allowance is ± 0.01
1650
1750
1250
Bright View Electronics
Rank B50
Rank B05
Rank B10
Rank B25
Color Ranks
BSV08WALN
1700
1800
1550
Max
1100
1150
1200
C3
A2
D3
A1
A3
D2
B1
C1
E3
E1
E2
B2
C2
B3
1300
Rank B30
Color Ranks
D1
Rank B75
1350
Min
1050
1050
1300
1200
1250
1400
Rank B35
1100
1150
Rank B15
Rank B20
Item
Luminous Intensity
1
Rank B00
1000
1500
1350
Rank B65
1500
1450
Rank B55
1550
1600
Rank B40
Rank B45
1400
1450
Rank B60
1600
1650
Rank B70
1700
1750
Date:2008/02/18
Page: 4 of 12
Version A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com