Electronic Components Datasheet Search
  English  ▼

X  

BVM-S405RGB2S Datasheet(PDF) 1 Page - Bright View Electronic Co., LTD.

Part # BVM-S405RGB2S
Description  RGB STRIP LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-S405RGB2S Datasheet(HTML) 1 Page - Bright View Electronic Co., LTD.

  BVM-S405RGB2S Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-S405RGB2S Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-S405RGB2S Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-S405RGB2S Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-S405RGB2S Datasheet HTML 5Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
RGB STRIP LIGHT is high brightness RGB SMD LED mounted on PCB.
Each LED contains red, green, blue color
FEATURES
Module PCB with 27 SMD LEDs, size (LxWXH) : 410mm x 11mm x 6.0mm
Smallest unit(135mm) of 9 LEDs can be cut at mark place.
Circuit design with common anode
High luminous intensity
Runs on 12 voltage
Easy installation
Moisture proof
Low profile
APPLICATIONS
RGB tube light source
RGB LED strip light
Channel letter
Back light
Bright View Electronics
RGB STRIP LIGHT
BVM-S405RGB2S
Data
2006/2/16
Page
1 of 5
PRELMNARY-1


Similar Part No. - BVM-S405RGB2S

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
BVM-S420CW3WS BVLED-BVM-S420CW3WS Datasheet
264Kb / 7P
LED STRIP LIGHT
BVM-S450 BVLED-BVM-S450 Datasheet
138Kb / 7P
LED STRIP LIGHT
BVM-S450B3S BVLED-BVM-S450B3S Datasheet
138Kb / 7P
LED STRIP LIGHT
BVM-S450G3S BVLED-BVM-S450G3S Datasheet
138Kb / 7P
LED STRIP LIGHT
More results

Similar Description - BVM-S405RGB2S

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-SFRGB5C01 BVLED-BVM-SFRGB5C01 Datasheet
138Kb / 5P
RGB LED STRIP LIGHT
BVM-SFRGBC05 BVLED-BVM-SFRGBC05 Datasheet
163Kb / 5P
RGB FLEXSTRIP LIGHT
logo
OptoSupply Internationa...
OSMSRGB OPTOSUPPLY-OSMSRGB Datasheet
371Kb / 4P
RGB Ribbon Light
OSMTRGB OPTOSUPPLY-OSMTRGB Datasheet
366Kb / 4P
RGB Ribbon Light
OSWORGB OPTOSUPPLY-OSWORGB Datasheet
324Kb / 3P
RGB Waterproof Light
OSWBA0F30GH-TFMBS4C1A-X OPTOSUPPLY-OSWBA0F30GH-TFMBS4C1A-X Datasheet
98Kb / 3P
RGB waterproof Light
logo
BetLux Electronics
TLS-SMD-10F-RGB BETLUX-TLS-SMD-10F-RGB Datasheet
96Kb / 2P
LED strip light, RGB color, Top LED type, Flexible
REV NO: V.2
TLS-SMD-10F-RGB-30N BETLUX-TLS-SMD-10F-RGB-30N Datasheet
101Kb / 1P
LED strip light, RGB color, Top LED type, Flexible
REV NO: V.2
TLS-SMD-10F-RGB-60N BETLUX-TLS-SMD-10F-RGB-60N Datasheet
109Kb / 2P
LED strip light, RGB color, Top LED type, Flexible
REV NO: V.2
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
Flexible LED strip light, Mono color and RGB color
REV NO: V.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com