Electronic Components Datasheet Search
  English  ▼

X  

BVM-S450 Datasheet(PDF) 1 Page - Bright View Electronic Co., LTD.

Part # BVM-S450
Description  LED STRIP LIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-S450 Datasheet(HTML) 1 Page - Bright View Electronic Co., LTD.

  BVM-S450 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-S450 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-S450 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-S450 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-S450 Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-S450 Datasheet HTML 6Page - Bright View Electronic Co., LTD. BVM-S450 Datasheet HTML 7Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
■ DESCRIPTION
- Strip light is made of high brightness SMD LEDs
mounted on rigid printed circuit (PCB). Totally six
different colors (red, orange red, yellow, green, blue,
and white) are available for various applications.
- Bright View also provides connectors
■ FEATURES
- Number of SMD LEDs : 30 pcs of ultra bright SMD LEDs
- Product size (LxWXH) : 450mm x 10.5mm x 6mm (with connector)
- Easy installation with connector
- Drive: 24V DC
- Low power consumption and high optical intensity
- Lead (Pb) free, and RoHS compliant
■ APPLICATIONS
- Decorative & Entertainment Lighting
- Tube Light Source & LED Strip Light
- Architectural Lighting
- General Lighting
- Backlighting
Bright View Electronics
LED STRIP LIGHT
BVM-S450 Series
Date:2007/8/29
Page:1 of 7
Version - B


Similar Part No. - BVM-S450

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S405RGB2S BVLED-BVM-S405RGB2S Datasheet
305Kb / 5P
RGB STRIP LIGHT
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
BVM-S420CW3WS BVLED-BVM-S420CW3WS Datasheet
264Kb / 7P
LED STRIP LIGHT
More results

Similar Description - BVM-S450

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMH50830GP-R5M3Z2C1P-A OPTOSUPPLY-OSMH50830GP-R5M3Z2C1P-A Datasheet
79Kb / 3P
LED Light Strip
OSMW03C12GP-R5MAS1C1A-A OPTOSUPPLY-OSMW03C12GP-R5MAS1C1A-A Datasheet
157Kb / 3P
LED Light Strip
OSMW05C12GP-R5PTS4C1A-A OPTOSUPPLY-OSMW05C12GP-R5PTS4C1A-A Datasheet
57Kb / 3P
LED Light Strip
OSMW38E20GJ-R5MAS1C1A-A OPTOSUPPLY-OSMW38E20GJ-R5MAS1C1A-A Datasheet
86Kb / 3P
LED Light Strip
OSMW60E32GM-R5MAS1C1A-A OPTOSUPPLY-OSMW60E32GM-R5MAS1C1A-A Datasheet
88Kb / 3P
LED Light Strip
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
LED Light Strip
OSMY46K27GH-R5MAZ161D-A OPTOSUPPLY-OSMY46K27GH-R5MAZ161D-A Datasheet
123Kb / 4P
LED Light Strip
OSMY61K37GH-R5MA5111A-A OPTOSUPPLY-OSMY61K37GH-R5MA5111A-A Datasheet
119Kb / 4P
LED Light Strip
logo
Banner Engineering Corp...
WLS15 BANNER-WLS15 Datasheet
2Mb / 8P
WLS15 LED Strip Light
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com