Electronic Components Datasheet Search
  English  ▼

X  

FARM1C11 Datasheet(PDF) 7 Page - Vicor Corporation

Part # FARM1C11
Description  FARM Filter/ Autoranging Rectifier Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM1C11 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button FARM1C11 Datasheet HTML 3Page - Vicor Corporation FARM1C11 Datasheet HTML 4Page - Vicor Corporation FARM1C11 Datasheet HTML 5Page - Vicor Corporation FARM1C11 Datasheet HTML 6Page - Vicor Corporation FARM1C11 Datasheet HTML 7Page - Vicor Corporation FARM1C11 Datasheet HTML 8Page - Vicor Corporation FARM1C11 Datasheet HTML 9Page - Vicor Corporation FARM1C11 Datasheet HTML 10Page - Vicor Corporation FARM1C11 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FARM, Filter/Autoranging Rectifier Module
Rev. 4.7
Page 7 of 12
Bus-OK (BOK) Pin. (see Fig. 11) The Bus-OK pin is
intended to provide early-warning power fail information and
is also referenced to the negative output pin.
Caution: There is no input to output isolation in the FARM. It is
necessary to monitor Bus-OK via an optoisolator if it is to be
used on the secondary (output) side of the converters. A line
isolation transformation should be used when performing scope
measurements. Scope probes should never be applied
simultaneously to the input and output as this will destroy the unit.
Filter. (see Fig. 12) An integral input filter consists of a
common mode choke and Y rated capacitors (line-ground)
plus two X rated capacitors (line-line). This filter
configuration provides common mode and differential mode
insertion loss in the frequency range between 100kHz and
30MHz as illustrated in Figure 6.
Hold-up Capacitors. Hold-up capacitor values should be
determined according to output bus voltage ripple, power fail
hold-up time, and ride-through time (see Fig. 13).
Many applications require the power supply to maintain
output regulation during a momentary power failure of
specified duration, i.e., the converters must hold-up or ride
through such an event while maintaining undisturbed output
voltage regulation. Similarly, many of these same systems
require notification of an impending power failure in order to
allow time to perform an orderly shutdown.
The energy stored on a capacitor which has been charged to
voltage V is:
ε = 1/2(CV2)
(1)
Where:
ε = stored energy
C = capacitance
V = voltage across the capacitor
Energy is given up by the capacitors as they are discharged
by the converters. The energy expended
(the power-time product) is:
ε = P∆t = C(V
1
2–V
2
2) / 2
(2)
Where:
P = operating power
∆t = discharge interval
V1 = capacitor voltage at the beginning
of
∆t
V2 = capacitor voltage at the end of ∆t
Rearranging Equation 2 to solve for the required
capacitance:
C = 2P
∆t / (V1
2–V
2
2)
(3)
Application Note (continued)
+In
PC (Gate In)
PR (Gate Out)
–In
N
EMI GND
N/C
L
+
B OK
ST
EN
–
150k
15Vdc
Vicor DC-DC
Converter
Micro-
controller
Figure 10—Enable (EN) function
+In
PC (Gate In)
PR (Gate Out)
–In
N
EMI GND
N/C
L
+
B OK
ST
EN
–
Vicor DC-DC
Converter
Micro-
controller
15 Vdc
27kΩ
+5 Vdc
Secondary
referenced
Optocoupler DI pkg. 26106
Optocoupler SM pkg. 26109
Figure 11—Bus OK (BOK) isolated power status indicator
4.7nF
L1
4.7nF
N
EMI GND
N/C
L
+
B OK
ST
EN
–
.47µF
.099µF
330µH
Figure 12—Internal filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com