Electronic Components Datasheet Search
  English  ▼

X  

BVS-166RT2 Datasheet(PDF) 1 Page - Bright View Electronic Co., LTD.

Part # BVS-166RT2
Description  SUPER BRIGHTNESS SMD LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVS-166RT2 Datasheet(HTML) 1 Page - Bright View Electronic Co., LTD.

  BVS-166RT2 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVS-166RT2 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVS-166RT2 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVS-166RT2 Datasheet HTML 4Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
Tolerance ± 0.1
DESCRIPTION
Dice Material : AlGaInP/GaAs Orange Red
Light Color : Orange Red Color
Lens Color : Milky Diffused
ABSOLUTE MAXIMUM RATINGS AT Ta = 25
UNIT
mW
mA
mA
V
mA/
oC
oC
oC
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25
SYMBOL
UNIT
V F
V
I R
A
p
n m
d
n m
2
1/2
Deg
BIN GRADE LIMITS ( I F = 20 mA ) LUMINOUS INTENSITY / mcd
Bin
u
v
w
x
y
z
Min.
22
28
36
47
60
78
Max.
28
36
47
60
78
100
Tolerance ± 15%mcd
*
1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
– A
SUPER BRIGHTNESS SMD LED
BVS-166RT2
PACKAGE CONFIGURATION
PARAMETER
MAX.
Power Dissipation
55
Continuous Forward Current
20
Peak Forward Current ( 1/10 Duty Cycle , 0.1ms Pulse Width )
100
Reverse Voltage
5
Derating Linear From 25
0.35
Operating Temperature Range
30 to
80
Storage Temperature Range
40 to
85
2.6
Reflow Soldering Condition 230
for 10 seconds
PARAMETER
TEST COND.
MIN.
TYP.
MAX.
Forward Voltage
I F = 20 mA
2.1
100
Reverse Current
V R = 5V
Peak Emission Wavelength
I F = 20 mA
645
Dominant Wavelength
I F = 20 mA
632
Infrared Soldering Condition 260
for 5 seconds
2004/2/9
*Bright View reserves the rights to alter specifications and remove availability of products at any time without notice.
*Dominant Wavelength,
d is according to CIE Chromaticity Diagram base on color of lamps.
Viewing Angle
I F = 20 mA
130
Soldering terminal
LED die
0.4
0.8
P C .board
Resin
Polarity
Soldering terminal
0.7
0.8
0.8
Soldering Pattem
Cathode line
Cathode mark
1.6
1.0
1.0
0.3
0.6
0.8
0.4
0.8


Similar Part No. - BVS-166RT2

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVS-166RP2 BVLED-BVS-166RP2 Datasheet
127Kb / 3P
SUPER BRIGHTNESS SMD LED
BVS-166RU2 BVLED-BVS-166RU2 Datasheet
127Kb / 3P
HIGH BRIGHTNESS SMD LED
BVS-166RW2 BVLED-BVS-166RW2 Datasheet
127Kb / 3P
SUPER BRIGHTNESS SMD LED
More results

Similar Description - BVS-166RT2

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVS-166BK2 BVLED-BVS-166BK2 Datasheet
208Kb / 5P
SUPER BRIGHTNESS SMD LED
BVS-166FE2-H BVLED-BVS-166FE2-H Datasheet
250Kb / 5P
SUPER BRIGHTNESS SMD LED
BVS-166QD2 BVLED-BVS-166QD2 Datasheet
127Kb / 3P
SUPER BRIGHTNESS SMD LED
BVS-166QE2 BVLED-BVS-166QE2 Datasheet
127Kb / 3P
SUPER BRIGHTNESS SMD LED
BVS-166RP2 BVLED-BVS-166RP2 Datasheet
127Kb / 3P
SUPER BRIGHTNESS SMD LED
BVS-166RW2 BVLED-BVS-166RW2 Datasheet
127Kb / 3P
SUPER BRIGHTNESS SMD LED
BVS-166TB2 BVLED-BVS-166TB2 Datasheet
122Kb / 4P
SUPER BRIGHTNESS SMD LED
BVS-166UG2 BVLED-BVS-166UG2 Datasheet
127Kb / 3P
SUPER BRIGHTNESS SMD LED
BVS-166UG2-12 BVLED-BVS-166UG2-12 Datasheet
127Kb / 3P
SUPER BRIGHTNESS SMD LED
BVS-301YA4 BVLED-BVS-301YA4 Datasheet
141Kb / 3P
SUPER BRIGHTNESS SMD LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com