Electronic Components Datasheet Search
  English  ▼

X  

H79L09 Datasheet(PDF) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H79L09
Description  3-TERMINAL FIXED VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H79L09 Datasheet(HTML) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H79L09 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H79L09 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23213
3-TERMINAL FIXED VOLTAGE REGULATOR
H79L09
Shantou Huashan Electronic Devices Co.,Ltd.
█Typical Application 
 
 
 
 
 
█ ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, V
IN
=-15V,I
O
=40mA,0℃≤T
j
≤125℃,CIN=0.33μF,COUT=0.1μF)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
-8.6 
-9.0 
-9.4 
T
j
=25℃ 
-8.55 
 
-9.45 
-24V ≤ V
IN
≤ -11.5V,1mA ≤ I
O
≤
40mA 
VO 
Output Voltage 
-8.55 
 
-9.45 
V 
V
IN
=-15V,1mA≤I
O
≤70mA 
 
15 
200 
T
j
=25℃, -24V≤V
IN
≤-11.5V 
ΔVO 
Line Regulation 
 
 
150 
mV 
T
j
=25℃, -24V≤V
IN
≤-12V 
 
 
90 
T
j
=25℃,1mA≤I
O
≤100mA 
ΔVO 
Load Regulation 
 
 
45 
mV 
T
j
=25℃,1mA≤I
O
≤40mA 
IQ 
Quiescent 
Current 
 
2.3 
6.0 
mA 
T
j
=25℃ 
 
 
1.5 
-24V≤V
IN
≤-11.5V 
ΔIQ 
Quiescent 
Current Change 
 
 
0.1 
mA 
1mA≤I
O
≤40mA 
VN 
Output Noise 
Voltage 
 
 
60 
μV 
T
j
=25℃,10Hz≤f≤100kHz 
RR 
Ripple Rejection 
38 
50 
 
dB 
T
j
=25℃, -22V≤V
IN
≤-12V, 
f=120Hz 
VD 
Dropout Voltage 
 
1.7 
 
V 
T
j
=25℃ 
H79L09



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com