Electronic Components Datasheet Search
  English  ▼

X  

FIAM1C22 Datasheet(PDF) 2 Page - Vicor Corporation

Part # FIAM1C22
Description  Filter Input Attenuator Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FIAM1C22 Datasheet(HTML) 2 Page - Vicor Corporation

  FIAM1C22 Datasheet HTML 1Page - Vicor Corporation FIAM1C22 Datasheet HTML 2Page - Vicor Corporation FIAM1C22 Datasheet HTML 3Page - Vicor Corporation FIAM1C22 Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FIAM, Filter Input Attenuator Module
Rev. 1.1
Page 2 of 4
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
2nd Generation
48Vdc Input
DC-DC Converters
FIAM
–IN
PR
PC
+IN
–OUT
–S
SC
+S
+OUT
–IN
EMI
GND
NC
+IN
+OUT
NC
NC
ON
OFF
–OUT
–IN
+IN
Note: The FIAM is shown in the on state. To disable,
open the connection between ON/OFF and –Out.
TRANSORB P/N
20461-120
Conducted Noise
Inrush Limiting
Transient Immunity
Transient and Surge Protection
Figure 1—FIAM and Model V48A12C500A DC-DC converter.
Figure 2—FIAM and Model V48B24C250A DC-DC converter.
Figure 3—Inrush Limiting: Inrush current with 330µF
external capacitance.
Tek Stop: Single Seq. 5.00MS/s
Ch1=Vdc in
Ch2=Vdc out
Ch3=Idc in
@0.2A/mV
2
©
[ T
]
Ch1 Zoom:
1.0X Vert 0.005X Horz
Ch1
10.0 V
Ch2
10.0 V
M2.00ms
Ch1
31.8 V
Ch4
10.0mV
Ω
INPUT VOLTAGE
OUTPUT VOLTAGE
INPUT CURRENT
4
©
Figure 4—Transient Immunity: FIAM output response to an
input transient.
Tek Run: 10.0MS/s
@ 200.0V
Ch1=Input
Ch2=Output
48V offset
2
©
Ch1
25.0V
Ch2
25.0V
M5.00
µs Ch4
8.2A
INPUT TRANSIENT
©
OUTPUT VOLTAGE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com