Electronic Components Datasheet Search
  English  ▼

X  

H79L18 Datasheet(PDF) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H79L18
Description  3-TERMINAL FIXED VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H79L18 Datasheet(HTML) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H79L18 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H79L18 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23213
3-TERMINAL FIXED VOLTAGE REGULATOR
H79L18
Shantou Huashan Electronic Devices Co.,Ltd.
█Typical Application 
 
 
 
 
 
█ ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, VIN=-27V,IO=40mA,0℃≤Tj≤125℃,CIN=0.33μF,COUT=0.1μF)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
-17.3  -18.0  -18.7 
Tj=25℃ 
-17.1 
 
-18.9 
-33V≤VIN≤-20.7V,1mA≤IO≤40mA 
VO 
Output Voltage 
-17.1 
 
-18.9 
V 
VIN=-27V,1mA≤IO≤70mA 
 
 
325 
Tj=25℃, -33V≤VIN≤-20.7V 
ΔVO 
Line Regulation 
 
 
275 
mV 
Tj=25℃, -33V≤VIN≤-21V 
 
 
170 
Tj=25℃,1mA≤IO≤100mA 
ΔVO 
Load Regulation 
 
 
85 
mV 
Tj=25℃,1mA≤IO≤40mA 
IQ 
Quiescent 
Current 
 
 
6.5 
mA 
Tj=25℃ 
 
 
1.5 
-33V≤VIN≤-21V 
ΔIQ 
Quiescent 
Current Change 
 
 
0.1 
mA 
1mA≤IO≤40mA 
VN 
Output Noise 
Voltage 
 
 
150 
μV  Tj=25℃,10Hz≤f≤100kHz 
RR 
Ripple Rejection 
33 
48 
 
dB 
Tj=25℃, -33V≤VIN≤-23V, 
f=120Hz 
VD 
Dropout Voltage 
 
1.7 
 
V 
Tj=25℃ 
H79L18



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com