Electronic Components Datasheet Search
  English  ▼

X  

QUIETPOWER Datasheet(PDF) 3 Page - Vicor Corporation

Part # QUIETPOWER
Description  Output Ripple Attenuation SiP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QUIETPOWER Datasheet(HTML) 3 Page - Vicor Corporation

  QUIETPOWER Datasheet HTML 1Page - Vicor Corporation QUIETPOWER Datasheet HTML 2Page - Vicor Corporation QUIETPOWER Datasheet HTML 3Page - Vicor Corporation QUIETPOWER Datasheet HTML 4Page - Vicor Corporation QUIETPOWER Datasheet HTML 5Page - Vicor Corporation QUIETPOWER Datasheet HTML 6Page - Vicor Corporation QUIETPOWER Datasheet HTML 7Page - Vicor Corporation QUIETPOWER Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Set your site on PICOR at www.picorpower.com
PRELIMINARY
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
QPO-1 Data Sheet
Page 3 of 8
Application Notes
Figure 1—Typical Configuration using Remote Sensing
Figure 2—Typical Configuration using Trim Control
RHR
Cco
15uF
QPOOUT
9
2
7
SC SET 6
CESR 5
8
10
17
3
1
SC
16
PEAKIN
15
14
18
13
QPOIN
12
11
4
GND
19
20
QPO-1
RSA
Load
Cps*
Rps
+
–
{
10
Ω
IN*
20k** 4.7uF**
1W
Module
+ OUT
+ Sense
– Sense
Module
– OUT
Trim
C
SC*
*Optional Component
See Description
**Required only for
engineering samples
Qp*
RHR
R
SS
Cco
15uF
2
SC SET 6
CESR
5
3
1
SC
16
4
GND
19
20
QPO-1
RSA
Load
+
–
IN*
C
SC*
Module
+ OUT
Trim
Module
– OUT
QPOOUT
9
7
8
10
17
PEAKIN
15
14
18
13
QPOIN
12
11
{
*Optional Component
See Description
20k** 4.7uF**
**Required only for
engineering samples
Functional Description
The QPO-1 is an active power filter that provides attenuation
of power supply output PARD. The measured attenuation
performance over frequency is shown in Figure 3 at output
voltage conditions of 3.3 and 28 Vdc. The user can select
and optimize the attenuation versus power dissipation by
setting the headroom voltage of the active loop.
The conditions in Figure 3 were measured with a low current
headroom setting of 375mV with approximately 100mV
peak-to-peak ripple voltage on the input to the QPO-1. The
remote sense circuit configuration was used as shown in
Figure 1 with the peak detector function enabled. Some
power supplies need to sense the output ripple for proper
operation. Cps couples the unfiltered ripple back to the sense
input while Rps provides the DC feedback to the power
supply from the load.
Typical improvement in output noise and transient
performance with a 3.3V converter is shown in Figure 4.
This measured data demonstrates the reduction in noise and
ripple at the output of the QPO-1 versus the source output as
well as the transient capability stepping from 1 to 10A
load current - the maximum current rating. This particular
converter has sufficient output capacitance and response
time to load changes such that no additional capacitance,CIN,
is needed on the input of the QPO-1 to reach a 10A level and
still maintain the output within ±50mV.
Ch1: QPOIN
Ch4: QPOOUT
Ch3: Load Current – 10A peak, pulse width = 400µS
Load Current Static = 1A
Load Current Transient = 9A
Headroom Voltage @ 100mA = 400mV
Attenuation VS Frequency
-70
-60
-50
-40
-30
-20
-10
0
1.00E+02
1.00E+03
1.00E+04
1.00E+05
1.00E+06
Frequency (Hz)
28V 10A
3.3V 10A
Figure 3— Attenuation vs. Frequency
Figure 4 – Transient Response using a Vicor
3.3V Half Brick Converter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com