Electronic Components Datasheet Search
  English  ▼

X  

VI-ARM Datasheet(PDF) 10 Page - Vicor Corporation

Part # VI-ARM
Description  Autoranging Rectifier Modules Up to 1500 Watts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-ARM Datasheet(HTML) 10 Page - Vicor Corporation

Back Button VI-ARM Datasheet HTML 4Page - Vicor Corporation VI-ARM Datasheet HTML 5Page - Vicor Corporation VI-ARM Datasheet HTML 6Page - Vicor Corporation VI-ARM Datasheet HTML 7Page - Vicor Corporation VI-ARM Datasheet HTML 8Page - Vicor Corporation VI-ARM Datasheet HTML 9Page - Vicor Corporation VI-ARM Datasheet HTML 10Page - Vicor Corporation VI-ARM Datasheet HTML 11Page - Vicor Corporation VI-ARM Datasheet HTML 12Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
ARM, Autoranging Rectifier Module
Rev. 2.4
Page 10 of 12
Set your site on VICOR at www.vicorpower.com
Converter Pins
No. Function Label
1
–Out
–V
2
Enable
EN
3
Bus OK
B OK
4+Out
+V
5
Neutral
N
6
Strap
ST
7
Line
L
Mechanical Drawings
5
6
7
4
3
2
1
(REF)
0.080
2,03
DIA. (7X)
0.21
5,2
0.27
6,9
(2X)
1.04
26,4
1.45
36,8
0.275
6,99
0.800
20,32
0.525
13,34
0.400
10,16
0.12*
3,1
0.20**
5,08
FULL R (6X)
0.10
2,5
CHAMFER
(REF.)
(6X)
0.65
16,5
0.49
12,4
1.30
33,0
2.28
57,9
1.45
36,8
0.13
3,3
0.06
1,5
R
(3X)
0.01
X 45˚
Use a
4-40 Screw (6x)
Torque to:
5 in-lbs
0.57 N-m
0.54
13,7
0.43
10,9
Pin Style 2&N
(Long Pin)
0.62
15,7
Pin Style 1&S
(Short Pin)
(7X)
(7X)
Slotted (Style 1)
or
Threaded (Style 2)
4-40 UNC-2B (6X)
or
Thru Hole (Style 3)
#30 Drill Thru (6X)
(0.1285)
ALUMINUM
BASEPLATE
12,7 ±0,5
0.50 ±0.02
* Style 1 baseplate only
** Style 2 & 3 baseplates
*** Reserved for Vicor accessories
Not for mounting
style 2 & 3
baseplates only
(4X)***
0.490 ±.015
12,45 ±0,38
(REF)
2.000
50,80
0.235±.015
5,97±0,38
(REF)
0.350±.015
8,89±0,38
(REF)
1.27
32,3
0.09
2,3
PCB MOUNTING SPECIFICATIONS
23
6
1
7
4
5
PLATED
THRU HOLE
DIA
±0,08
*DENOTES TOL = ±0.003
0.133
3,38
1.734**
44,04
.400*
10,16
1.140**
28,96
0.170*
4,32
0.800*
20,32
0.525*
13,34
0.275*
6,99
2.000*
50,80
0.06
1,5
R
(4X)
INBOARD
SOLDER
MOUNT
PIN STYLE 1&S
0.094 ±0.003
2,39 ±0,08
0.43
10,9
(7X)
**PCB WINDOW
PCB THICKNESS
0.062 ±0.010
1,57 ±0,25
0.53
13,5
ONBOARD
SOLDER
MOUNT
PIN STYLE 2&N
0.094 ±0.003
2,39 ±0,08
PINS STYLES
STYLE 1 & 2: TIN/LEAD
HOT SOLDER DIPPED
STYLE S & N: GOLD PLATED COPPER
ALUMINUM
BASEPLATE
ALL MARKINGS
THIS SURFACE
MODULE OUTLINE
Unless otherwise specified,
dimensions are in inches
mm
Decimals
Tol.
Angles
0.XX
±0.01
±0,25
±1°
0.XXX
±0.005
±0,127
Slotted (Style 1)
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com