Electronic Components Datasheet Search
  English  ▼

X  

EN1C12 Datasheet(PDF) 3 Page - Vicor Corporation

Part # EN1C12
Description  ENMods Component Power Front End System for EN Compliance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1C12 Datasheet(HTML) 3 Page - Vicor Corporation

  EN1C12 Datasheet HTML 1Page - Vicor Corporation EN1C12 Datasheet HTML 2Page - Vicor Corporation EN1C12 Datasheet HTML 3Page - Vicor Corporation EN1C12 Datasheet HTML 4Page - Vicor Corporation EN1C12 Datasheet HTML 5Page - Vicor Corporation EN1C12 Datasheet HTML 6Page - Vicor Corporation EN1C12 Datasheet HTML 7Page - Vicor Corporation EN1C12 Datasheet HTML 8Page - Vicor Corporation EN1C12 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
ENMods System: FARM3 and MiniHAM
Rev. 1.3
Page 3 of 12
Electrical Characteristics (continued)
MODULE GENERAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Safety approvals
FARM3
TÜV + VDE EN60950, CE Marked (pending)
MiniHAM
CE Marked (pending)
Isolation (in to out)
None
Isolation provided by DC-DC converter(s)
Dielectric withstand (I/O to baseplates)
1500
Vrms
Baseplate earthed
Leakage current
2.5
mA
264Vac
MTBF
>1,000,000
Hours
25˚C, Ground Benign
Baseplate material
Aluminum
Cover
Dupont Zenite / Aluminum
Pin material
–Style 1 & 2
Copper, Tin/Lead solder dipped
–Style S & N (ModuMate compatible)
Copper, Nickel/Gold plating
Weight
FARM3
3.1(88)
Ounces (grams)
MiniHAM
5.1(145)
Ounces (grams)
Size
2.25 x 2.2 x 0.5
Inches
Vicor’s standard mini half-brick package
57,9 x 55,9 x 12,7
mm
Storage temperature
(C-, T-Grade)
-40
+125
°C
(H-Grade)
-55
+125
°C
(M-Grade)
-65
+125
°C
Operating temperature
(C-Grade)
-20
+100
°C
Baseplate
(T-, H-Grade)
-40
+100
°C
Baseplate
(M-Grade)
-55
+100
°C
Baseplate
Figure 1a—ENMods system and DC-DC converter interconnection drawing
FARM3
N
SR
L
+
BOK
ST
EN
–
MINI
HAM
N/+
L/–
Filter
AC line Input
EMI GND
L
N
+In
PC (Gate In)
PR (Gate Out)
–In
+In
PC (Gate In)
PR (Gate Out)
–In
Vicor 300Vin
DC-DC
Converter
R1
R2
C1
C2
D2
D1
C3
C5
C4
C6
F1
F2
To additional converters
Part
C1,2
C3 – 6
C7,8
C9,C10
R1,2
R3
V1,2
V3
V5,V6
F1,2
D1,2
D3,D4
Description
Holdup capacitors
4700pF
Film Cap., 0.8
µF
.001
µF
150k
Ω, 0.5W
499
Ω, 0.125W
MOV 220V
270V MOV
BBS75 Gas Tube
3A, PC Tron
Diode (1N4006)
1N5817
Vicor
Part Number
see text
01000
00127-1503
20461-220
03040
26107
02178
00670
26108
Sizing PCB traces:
All traces shown in bold carry significant
current and should be sized accordingly.
Holdup Box (HUB)
820
µF
HUB820-S
2200
µF HUB2200-S
1200
µF HUB1200-S
2700
µF HUB2700-S
1800
µF HUB1800-S
3300
µF HUB3300-S
NC
NC
NC
NC
NC
N
N
L
L
PE
V1
V2
(Fig.1b)
C7
C8
Vicor 300Vin
DC-DC
Converter
N/+
L/–
V3
R3
D3
C9
C10
D4
V5
V6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com