Electronic Components Datasheet Search
  English  ▼

X  

H643 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H643
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H643 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H643 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H643 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
 
█ APPLICATIONS
Low frequency power amplifier
█ ABSOLUTE MAXIMUM RATINGS(T
a=25℃)
█ ELECTRICAL CHARACTERISTICS(T
a=25℃)
Symbol 
Characteristics 
Min 
Typ 
Max 
Unit 
Test Conditions 
BVCBO
Collector-Base Breakdown Voltage
-40 
 
 
V 
IC=-100μA, IE=0
BVCEO
Collector-Emitter Breakdown Voltage
-20 
 
 
V 
IC=-10mA, IB=0 
BVEBO
Emitter-Base Breakdown Voltage
-5 
 
 
V 
IE=-10μA,IC=0
ICBO
Collector Cut-off Current
 
 
-200  nA  VCB=-25V, IE=0
IEBO
Emitter Cut-off Current
 
 
-200  nA  VEB=-3V, IC=0
HFE 
DC Current Gain 
40 
 
400 
 
VCE=-1V, IC=-100mA 
VCE(sat)  Collector- Emitter Saturation Voltage 
 
-0.3  -0.4 
V 
IC=-500mA, IB=-50mA 
VBE(sat)  Base-Emitter Saturation Voltage 
 
-1.0  -1.3 
V 
IC=-500mA, IB=-50mA 
█ hFE Classification
R
O
Y
G
40— 80
70— 140
120— 240
200—400
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation…………………………………500mW
VCBO——Collector-Base Voltage………………………………-40V
VCEO——Collector-Emitter Voltage……………………………-20V
VEBO ——Emitter-Base Voltage………………………………-5V
IC——Collector Current……………………………………-500mA
1―Emitter,E
2―Base,B
3―Collector,C
TO-92
H643
PNP S I L I C O N T R A N S I S T O R


Similar Part No. - H643

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
H64 CONNOR-WINFIELD-H64 Datasheet
56Kb / 1P
8 PIN DIP HCMOS
logo
Pulse A Technitrol Comp...
H6400NL PULSE-H6400NL Datasheet
976Kb / 2P
LAN Product Guide - Servers
H6400NL PULSE-H6400NL Datasheet
280Kb / 3P
MDL,QUAD,1GPP,1:1,SMT
logo
Hi-Sincerity Mocroelect...
H649A HSMC-H649A Datasheet
32Kb / 3P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Guangdong Huixin Electr...
H64N25 HUIXIN-H64N25 Datasheet
426Kb / 6P
250V SGT N-Channel MOSFET
More results

Similar Description - H643

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com