Electronic Components Datasheet Search
  English  ▼

X  

H930 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H930
Description  NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H930 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H930 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H930 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H930 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H930 Datasheet HTML 4Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
 
█ APPLICATIONS
FM RF amp,mixer,osc,converter,and IF amplifier.
█ ABSOLUTE MAXIMUM RATINGS(T
a=25℃)
█ ELECTRICAL CHARACTERISTICS(T
a=25℃)
Symbol 
Characteristics 
Min 
Typ 
Max 
Unit 
Test Conditions 
BVCBO
Collector-Base Breakdown Voltage
30 
 
 
V 
IC=100µA ,IE=0
BVCEO
Collector-Emitter Breakdown Voltage
20 
 
 
V 
IC=5mA,IB=0
BVEBO
Emitter- Base Breakdown Voltage
5 
 
 
V 
IE=100µA ,IC=0
ICBO
Collector Cut-off Current
 
 
1.0 
μA  VCB=10V, IE=0
IEBO
Emitter Cut-off Current
 
 
1.0 
μA  VEB=4V, IC=0
HFE 
DC Current Gain 
40 
80 
320 
 
VCE=6V, IC=1mA
fT
Current Gain- Bandwidth Product
170 
300 
 
MHz  VCE=6V, IC=1mA
NF
Noise Figure
 
4.0 
 
dB 
VCE=6V,IC=1mA,f=100MHz 
tON
Turn-On Time
 
30 
 
ns 
VIN=+12V,VBB=-3V, 
appointed circuit 
tOFF
Turn-Off Time
 
30 
 
ns 
VIN=-12V,VBB=+3V, 
appointed circuit
 
█ hFE Classification
C
D
E
F
40—80 
60--120 
100--200 
160--320 
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation…………………………………250mW
VCBO——Collector-Base Voltage………………………………30V
VCEO——Collector-Emitter Voltage……………………………20V
VEBO ——Emitter -Base Voltage………………………………5V
I C——Collector Current …………………………………… 30mA
1―Emitter,E
2―Collector,C
3―Base,B
TO-92
H930
NPN S I L I C O N T R A N S I S T O R


Similar Part No. - H930

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H9305 HAMAMATSU-H9305_15 Datasheet
213Kb / 4P
PHOTOSENSOR MODULES
H9306 HAMAMATSU-H9306_15 Datasheet
209Kb / 4P
PHOTOSENSOR MODULES
More results

Similar Description - H930

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com