Electronic Components Datasheet Search
  English  ▼

X  

H950 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H950
Description  PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H950 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H950 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H950 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
█
Applications
█
Package
Audio Frequency Amplifier Applications
█
Features
● Complementary to 2SC1627.
● Suitable for driver of 20~25 watts audio amplifiers.
█
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
█
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Characteristics
Min
Typ
Max
Unit
Test Conditions
BVCEO
Collector-Emitter Breakdown Voltage
-80
V
IC=-5mA, IB=0
HFE(1)
DC Current Gain
70
240
VCE=-2V, IC=-50mA
HFE(2)
DC Current Gain
40
VCE=-2V, IC=-200mA
VCE(sat)
Collector- Emitter Saturation Voltage
-0.4
V
IC=-200mA, IB=-20mA
VBE
Base-Emitter Voltage
-0.55
-0.8
V
VCE=-2V, IC=-5mA
ICBO
Collector Cut-off Current
-100
nA
VCB=-50V, IE=0
IEBO
Emitter Cut-off Current
-100
nA
VEB=-5V, IC=0
fT
Current Gain-Bandwidth Product
70
100
MHz
VCE=-10V, IC=-10mA
Cob
Output Capacitance
14
pF
VCB=-10V, IE=0,f=1MHz
█
hFE Classification
O
Y
70—140
120—240
H817
PNP S I L I C O N T R A N S I S T O R
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation…………………………………600mW
VCBO——Collector-Base Voltage………………………………-80V
VCEO——Collector-Emitter Voltage……………………………-80V
VEBO——Emitter-Base Voltage………………………………-5V
IC——Collector Current………………………………………-300mA
Ib——Base Current……………………………………………-60mA
1―Emitter,E
2―Collector,C
3―Base,B
TO-92


Similar Part No. - H950

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
More results

Similar Description - H950

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com