Electronic Components Datasheet Search
  English  ▼

X  

UG10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UG10
Description  Dual Ultrafast Soft Recovery Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG10 Datasheet(HTML) 1 Page - Vishay Siliconix

  UG10 Datasheet HTML 1Page - Vishay Siliconix UG10 Datasheet HTML 2Page - Vishay Siliconix UG10 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BYQ28E, BYQ28EF, BYQ28EB, UG10DCT, UGF10DCT, UGB10DCT Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88549
www.vishay.com
03-Jul-02
1
Dual Ultrafast Soft Recovery Rectifier
Reverse Voltage 100 to 200V Forward Current 10A
Reverse Recovery Time 20ns
0.08
(2.032)
0.24
(6.096)
0.42
(10.66)
0.63
(17.02)
0.12
(3.05)
0.33
(8.38)
Mounting Pad Layout TO-263AB
0.380 (9.65)
0.411 (10.45)
0.320 (8.13)
0.360 (9.14)
0.591 (15.00)
0.624 (15.85)
1
2
0.245 (6.22)
MIN
K
K
0.160 (4.06)
0.190 (4.83)
0.045 (1.14)
0.055 (1.40)
0.014 (0.36)
0.021 (0.53)
0.110 (2.79)
0.140 (3.56)
0.090 (2.29)
0.110 (2.79)
0.047 (1.19)
0.055 (1.40)
PIN 1
PIN 2
K - HEATSINK
0-0.01 (0-0.254)
0.027 (0.686)
0.037 (0.940)
0.105 (2.67)
0.095 (2.41)
0.205 (5.20)
0.195 (4.95)
1
3
PIN
2
0.060 (1.52)
0.405 (10.27)
0.383 (9.72)
0.191 (4.85)
0.171 (4.35)
0.600 (15.5)
0.580 (14.5)
0.560 (14.22)
0.530 (13.46)
0.037 (0.94)
0.027 (0.69)
0.140 (3.56)
0.130 (3.30)
0.350 (8.89)
0.330 (8.38)
0.188 (4.77)
0.172 (4.36)
0.110 (2.80)
0.100 (2.54)
0.131 (3.39)
0.122 (3.08)
0.110 (2.80)
0.100 (2.54)
0.022 (0.55)
0.014 (0.36)
DIA.
DIA.
0.676 (17.2)
0.646 (16.4)
0.205 (5.20)
0.195 (4.95)
0.105 (2.67)
0.095 (2.41)
PIN 2
PIN 1
PIN 3
ITO-220AB (BYQ28EF, UGF10 Series)
TO-220AB (BYQ28E, UG10 Series)
Dimensions in inches
and (millimeters)
TO-263AB (BYQ28EB, UGB10 Series)
12
3
PIN
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)
CASE
1.148 (29.16)
1.118 (28.40)
PIN 2
0.154 (3.91)
0.148 (3.74)
0.113 (2.87)
0.103 (2.62)
0.160 (4.06)
0.140 (3.56)
0.410 (10.41)
0.390 (9.91)
0.635 (16.13)
0.625 (15.87)
0.415 (10.54) MAX.
0.370 (9.40)
0.360 (9.14)
PIN 1
PIN 3
0.028 (0.70)
0.104 (2.65)
0.096 (2.45)
0.035 (0.90)
0.205 (5.20)
0.195 (4.95)
0.105 (2.67)
0.095 (2.41)
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• High reverse energy capability
• Excellent high temperature switching
• High temperature soldering guaranteed: 250°C/10
seconds at terminals
• Glass passivated chip junction
• Soft recovery characteristics
Mechanical Data
Case: JEDEC TO-220AB, ITO-220AB & TO-263AB
molded plastic body
Terminals: Plated leads, solderable per
MIL-STD-750, Method 2026
Polarity: As marked Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 oz., 2.24 g


Similar Part No. - UG10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG10 VISHAY-UG10 Datasheet
80Kb / 3P
Dual Ultrafast Soft Recovery Rectifiers
27-Jun-03
logo
Diodes Incorporated
UG1001 DIODES-UG1001 Datasheet
62Kb / 2P
1.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27008 Rev. A1-2
logo
Lite-On Technology Corp...
UG1001 LITEON-UG1001 Datasheet
35Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
Zibo Seno Electronic En...
UG1001 ZSELEC-UG1001 Datasheet
87Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Diodes Incorporated
UG1001-A DIODES-UG1001-A Datasheet
86Kb / 3P
1.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27008 Rev. 3 - 2
More results

Similar Description - UG10

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT2X100D40J ADPOW-APT2X100D40J Datasheet
35Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D100J ADPOW-APT2X30D100J Datasheet
68Kb / 4P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D20J ADPOW-APT2X30D20J Datasheet
42Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D30J ADPOW-APT2X30D30J Datasheet
42Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D40J ADPOW-APT2X30D40J Datasheet
67Kb / 4P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D60J ADPOW-APT2X30D60J Datasheet
67Kb / 4P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D120J ADPOW-APT2X60D120J Datasheet
35Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D30J ADPOW-APT2X60D30J Datasheet
42Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
logo
Vishay Siliconix
BYT28 VISHAY-BYT28 Datasheet
47Kb / 3P
Dual Ultrafast Soft Recovery Rectifier
15-Apr-02
BYT28 VISHAY-BYT28_07 Datasheet
158Kb / 5P
Dual Ultrafast Soft Recovery Rectifier
06-Nov-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com