Electronic Components Datasheet Search
  English  ▼

X  

KLC-50WC Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KLC-50WC
Description  White Light Emitting Diode(InGaN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KLC-50WC Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KLC-50WC Datasheet HTML 1Page - KODENSHI_AUK CORP. KLC-50WC Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
White Light Emitting Diode(InGaN)
2/2
KLC-50WC
Forward current vs.
Ambient temperature
Radiant Intensity vs.
Forward current
Relative radiant intensity vs.
Ambient temperature
Forward current vs.
Forward voltage
Relative intensity vs.
Wavelength
Radiant Pattern
Ambient temperature Ta
Forward current IF
Ambient temperature Ta
Forward voltage VF
Relative intensity(%)
Angle(deg)
100
0.1
-20
40
20
080
60
10
1
(℃)
1.0
0
0
0.5
10
2.0
1.5
(V)
(㎃)
25
5
15
20
30
2.5 3.0 3.5
0
0
5
10
0.5
1
(IF)
1.5
15
20
25
30
35
50
+20
100
+4
0
50
0
100
-20
50
0
-40
0
0.2
0.4
0.6
0.8
1
1.2
350
450
550
650
750
Wave Length[nm]
100
80
50
30
20
10
60
40
20
0
0
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com