Electronic Components Datasheet Search
  English  ▼

X  

RGP02 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RGP02
Description  Glass Passivated Junction Fast Switching Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RGP02 Datasheet(HTML) 1 Page - Vishay Siliconix

  RGP02 Datasheet HTML 1Page - Vishay Siliconix RGP02 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RGP02-12E THRU RGP02-20E
Vishay Semiconductors
formerly General Semiconductor
Document Number 88699
www.vishay.com
16-Jan-03
1
Glass Passivated Junction
Fast Switching Rectifier
Reverse Voltage 1200 to 2000V
Forward Current 0.5A
Patented*
0.107 (2.7)
0.080 (2.0)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
DIA.
0.026 (0.66)
0.023 (0.58)
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
RGP02
RGP02
RGP02
RGP02
RGP02
Parameter
Symbols
-12E
-14E
-16E
-18E
-20E
Units
Maximum repetitive peak reverse voltage
VRRM
1200
1400
1600
1800
2000
V
Maximum RMS voltage
VRMS
840
980
1120
1260
1400
V
Maximum DC blocking voltage
VDC
1200
1400
1600
1800
2000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55°C
IF(AV)
0.5
A
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
20
A
on rated load (JEDEC Method)
Typical thermal resistance (1)
R
ΘJA
65
°C/W
R
ΘJL
30
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Maximum instantaneous forward voltage at 0.1A
VF
1.8
V
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=125°C
IR
50
µA
Maximum reverse recovery time at
trr
300
ns
IF=0.5A, IR=1.0A, Irr=0.25A
Typical junction capacitance at 4.0V, 1MHz
CJ
5.0
pF
Note:
(1) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, P.C.B. mounted
Case Style GP10E
Mechanical Data
Case: Molded plastic over glass body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 oz., 0.3 g
®
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602, and brazed-lead assembly by Patent No. 3,930,306
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• High temperature metallurgically bonded construction
• Capable of meeting environmental standards of
MIL-S-19500
• For use in high frequency rectifier circuits
• Fast switching for high efficiency
• Cavity-free glass passivated junction
• 0.5 Ampere operation at TA=55°C with no thermal
runaway
• Typical IR less than 0.2
µA
• High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension


Similar Part No. - RGP02

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RGP02-12 EIC-RGP02-12 Datasheet
19Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
General Semiconductor
RGP02-12 GE-RGP02-12 Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
List of Unclassifed Man...
RGP02-12 ETC1-RGP02-12 Datasheet
36Kb / 2P
0.5 Amp. Glass Passivated Fast Recovery Rectifier
logo
Zowie Technology Corpor...
RGP02-12 ZOWIE-RGP02-12 Datasheet
62Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
RGP02-12 SUNMATE-RGP02-12 Datasheet
286Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - RGP02

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4942 GE-1N4942 Datasheet
51Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
GI810 GE-GI810 Datasheet
63Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
RGP02-12E GE-RGP02-12E Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
1N4942G GOOD-ARK-1N4942G Datasheet
156Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
FR601G GOOD-ARK-FR601G Datasheet
195Kb / 3P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
1N4933GP VISHAY-1N4933GP Datasheet
76Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
GI810 VISHAY-GI810 Datasheet
75Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RGP20A VISHAY-RGP20A Datasheet
81Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RGP25A VISHAY-RGP25A Datasheet
75Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
logo
Shenzhen Taychipst Elec...
PG200R TAYCHIPST-PG200R Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com