Electronic Components Datasheet Search
  English  ▼

X  

KLP-34RG Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KLP-34RG
Description  Light Emitting Diode(InGaAlP/InGaN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KLP-34RG Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KLP-34RG Datasheet HTML 1Page - KODENSHI_AUK CORP. KLP-34RG Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Light Emitting Diode(InGaAlP/InGaN)
DIMENSIONS
KLP-34RG has a high bright InGaAlP red LED
and a high bright InGaN green LED.
Features
• Transparent epoxy Encapsulent
• High Optical Output
Applications
• Display
• Indicator
• Signage
Maximum Ratings
[ Ta=25°C ]
*1. IFP Measured under duty £ 1/10 @ 1KHz
*2. Soldering time £ 5 Sec
Electro-Optical Characteristics
[ Ta=25°C ]
R
G
R
G
R
G
R
G
R
G
R
G
1/2
KLP-34RG-X-X
Parameter
Symbol
Ratings
Unit
Reverse Voltage (w/o Zener)
VR
5V
Reverse current ( w Zener)
IR
50
mA
Forward current
IF
30
mA
Pulse forward current
*1
IFP
0.1
A
Power dissipation
PD
180
mW
Operating temperature
Topr.
-30 ~ +85
°C
Storage temperature
Tstg.
-40 ~ +105
°C
Soldering Temperature
*2
Tsol.
260
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 20 mA
-
2.0
2.5
V
3.3
3.9
Optical Output Power
Po
IF = 20 mA
4.00
5.50
-
Iv
mW
3.50
5.00
300
350
-
mcd
650
750
Peak emission wavelength
λP
IF = 20 mA
-
630
-
nm
-
520
-
Doninant Wave Length
λd
IF = 20 mA
620
-
635
nm
515
-
535
Spectral half bandwidth
∆λ
IF = 20 mA
-20-
nm
-30-
120
-
deg.
Half angle
∆Θ
IF = 20 mA
-
Green
(Zener Option)


Similar Part No. - KLP-34RG

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLP-342B KODENSHI-KLP-342B Datasheet
159Kb / 2P
Light Emitting Diode(InGaN)
KLP-343W KODENSHI-KLP-343W Datasheet
177Kb / 2P
White Light Emitting Diode
KLP-34M KODENSHI-KLP-34M Datasheet
172Kb / 2P
Light Emitting Diode(InGaAlP/InGaN)
More results

Similar Description - KLP-34RG

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLB-16AR KODENSHI-KLB-16AR Datasheet
157Kb / 2P
Light Emitting Diode(InGaAlP)
KLB-16AYG KODENSHI-KLB-16AYG Datasheet
125Kb / 2P
Light Emitting Diode(InGaAlP)
KLB-320O KODENSHI-KLB-320O Datasheet
145Kb / 2P
Light Emitting Diode(InGaAlP)
KLB-520O KODENSHI-KLB-520O Datasheet
148Kb / 2P
Light Emitting Diode(InGaAlP)
KLB-520R KODENSHI-KLB-520R Datasheet
155Kb / 2P
Light Emitting Diode(InGaAlP)
KLL-5ER KODENSHI-KLL-5ER Datasheet
155Kb / 2P
Light Emitting Diode(InGaAlP)
KLP-34M KODENSHI-KLP-34M Datasheet
172Kb / 2P
Light Emitting Diode(InGaAlP/InGaN)
KLP-36M KODENSHI-KLP-36M Datasheet
229Kb / 2P
Light Emitting Diode(InGaAlP/InGaN)
KLP-36M2I KODENSHI-KLP-36M2I Datasheet
224Kb / 3P
Light Emitting Diode(InGaAlP/InGaN/GaAsAl)
KLP-56M KODENSHI-KLP-56M Datasheet
175Kb / 2P
Light Emitting Diode(InGaAlP/InGaN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com