Electronic Components Datasheet Search
  English  ▼

X  

EN1C23 Datasheet(PDF) 2 Page - Vicor Corporation

Part # EN1C23
Description  ENMods Component Power Front End System for EN Compliance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1C23 Datasheet(HTML) 2 Page - Vicor Corporation

  EN1C23 Datasheet HTML 1Page - Vicor Corporation EN1C23 Datasheet HTML 2Page - Vicor Corporation EN1C23 Datasheet HTML 3Page - Vicor Corporation EN1C23 Datasheet HTML 4Page - Vicor Corporation EN1C23 Datasheet HTML 5Page - Vicor Corporation EN1C23 Datasheet HTML 6Page - Vicor Corporation EN1C23 Datasheet HTML 7Page - Vicor Corporation EN1C23 Datasheet HTML 8Page - Vicor Corporation EN1C23 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
ENMods System: FARM3 and MiniHAM
Rev. 1.3
Page 2 of 12
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
90
115
132
Vac
Autoranging (doubler mode)
Operating input voltage
180
230
264
Vac
Autoranging (bridge mode)
Input undervoltage
90
Vac
No damage
AC line frequency
47
63
Hz
C-,T-, H- and M-Grade
Power factor
0.68
0.72
Typical line
Inrush current
30
Amps
264Vac line voltage
Efficiency
94
96
%
Full load
AC Bus OK (BOK)
Low state resistance
15
Ω
To negative output - Bus normal
Low state current
50
mA
Bus normal
High state voltage
14.8
15.0
15.2
Vdc
Bus abnormal, 27k internal pull up to 15Vdc (see Figure12)
BOK true threshold
235
240
245
Vdc
Output Bus voltage
BOK false threshold
200
205
210
Vdc
Output Bus voltage
Module Enable (EN)
Low state resistance
15
Ω
To negative output - Converters disabled
Low state current
50
mA
High state voltage
14.8
15.0
15.2
Vdc
150k internal pull up to 15Vdc (see Figure 11)
Enable threshold
235
240
Vdc
Output bus voltage
Disable threshold
185
190
195
Vdc
Output bus voltage
AC Bus OK - Module Enable, differential error*
15
17
20
Vdc
AC Bus OK and Module Enable thresholds track
FARM3 MODULE SPECIFICATIONS (see Figure 3 thru Figure 7 for operating characteristics)
MINIHAM MODULE SPECIFICATIONS (when used in accordance with Figure 1a)
Electrical Characteristics
Electrical characteristics apply over the full operating range of input voltage, output power and baseplate temperature, unless
otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate. Performance specifications
are based on the ENMods system as shown in Figure 1a.
Parameter
Min
Typ
Max
Unit
Notes
Output power
0
575
Watts
Efficiency @115Vac
93
94
%
Full load
Efficiency @ 230Vac
96
97
%
Full load
Output voltage
250
375
Vdc
External hold-up capacitance
3,300
µF
* Tracking error between BUS OK and Enable thresholds
ELECTROMAGNETIC COMPATIBILITY (configured as illustrated in Figures 1a and 1b)
Harmonic currents
EN61000-3-2, Amendment 14
50-625W, 230Vac input 575W output (see Figure 2)
Input line disturbances
EN61000-4-11
Input surge withstand
EN61000-4-5
2kV – 50 µs common mode
1kV – 50 µs differential mode
Conducted emissions
EN55022, Level B
(See Figures 8a thru 8c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com