Electronic Components Datasheet Search
  English  ▼

X  

H7905 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H7905
Description  3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H7905 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H7905 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H7905 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H7905 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
H 7905
█ 3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
The H7905 series of three terminal negative regulators are available in the TO-220 package and with
several fixed output voltages, making them useful in a wide range of applications. Each type employs
internal current limiting, Thermal shut down and safe area protection, making it essentially
indestructible.
█ Features
1―GND
2―INPUT
3―OUTPUT
TO-220
Output current in Excess of 1A
Output Voltages of -5V
lntemal Thermal Overload Protection
Short Circuit Protection
Output Transistor Safe-Area Compensation
█ Absolute Maximum Ratings(T
a=25℃)
VI——Input Voltage………………………………… -35V
RθJC——Thermal Resistance Junction-Cases………… 5℃/W
RθJA——Thermal Resistance Junction-Air………… 65℃/W
TOPR——Operating Temperature Range…………… 0~125℃
TSTG——Storage Temperature Range…………… -65~150℃
1


Similar Part No. - H7905

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7905 HSMC-H7905 Datasheet
46Kb / 4P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7905AE HSMC-H7905AE Datasheet
46Kb / 4P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7905BE HSMC-H7905BE Datasheet
46Kb / 4P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - H7905

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
194Kb / 15P
3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
MC79XX FAIRCHILD-MC79XX Datasheet
117Kb / 15P
3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
H7912 ETC2-H7912 Datasheet
162Kb / 3P
3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7906 HUASHAN-H7906 Datasheet
216Kb / 3P
3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7908 HUASHAN-H7908 Datasheet
218Kb / 3P
3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7909 HUASHAN-H7909 Datasheet
211Kb / 3P
3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7912 HUASHAN-H7912 Datasheet
217Kb / 3P
3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7915 HUASHAN-H7915 Datasheet
220Kb / 3P
3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7918 HUASHAN-H7918 Datasheet
217Kb / 3P
3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7924 HUASHAN-H7924 Datasheet
219Kb / 3P
3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com