Electronic Components Datasheet Search
  English  ▼

X  

H7906 Datasheet(PDF) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H7906
Description  3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H7906 Datasheet(HTML) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H7906 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H7906 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H7906 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
H 7906
(unless otherwise specified,0℃≤TJ≤125℃,IO=500mA,VI=11V,CI=2.2μF,CO=1μF)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
-5.75
-6.0
-6.25
TJ=25℃
VO
Output Voltage
-5.7
-6.0
-6.3
V
IO =5.OmA to 1.0A, PO≤15W,
VI=-9V to -21V
10
120
TJ=25℃,VI=-8V to -25V
ΔVO
Line Regulation (Note1)
5
60
mV
TJ=25℃,VI=-9V to -12V
10
120
TJ=25℃,IO=5.0mA to 1.5A
ΔVO
Load Regulation (Note1)
3
60
mV
TJ=25℃,IO=250mA to 750mA
IQ
Quiescent Current
3
6
mA
TJ=25℃
0.5
IO=5mA to 1.0A
ΔIQ
Quiescent Current Change
1.3
mA
VI=-9V to -25V
ΔVO/ΔT
Output Voltage Drift
-0.5
mV/℃
IO=5mA
VN
Output Noise Voltage
130
μV
TA=25℃,f=10Hz to 100kHz
RR
Ripple Rejection
54
60
dB
f=120Hz,△VI=10V
VD
Dropout Voltage
2
V
TJ=25℃,IO=1A
ISC
Short Circuit Current
300
mA
TJ=25℃,VI=-35V,
IPK
Peak Current
2.2
A
TJ=25℃
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com