Electronic Components Datasheet Search
  English  ▼

X  

SP200 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # SP200
Description  040 [1.02] Shorting Plugs and Jacks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

SP200 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  SP200 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Series SP200 & SJ200
.040 [1.02] Shorting Plugs and Jacks
Note: Aries specializes in custom design and production. In addition to the
standard products shown on this page, special materials, platings, sizes, and
configurations can be furnished, depending on quantities. Aries reserves the
right to change product specifications without notice.
FEATURES:
• These shorting plugs and jacks are used in conjunction with
Aries’ DIP strips, available separately, for your programming
needs. Consult Data Sheet Nos. 16007 and 16008 for det ails.
• Convenient handle for insertion and withdrawal.
SHORTING JACK (SJ200) SPECIFICATIONS:
• Body material is black UL 94V-0 Glass-filled 4/6 Nylon.
• Pin body is Brass Alloy 360 1/2 hard per UNS C36000
ASTM-B16-00.
• Pin body plating:
SJ200 = 200
μ [5.08μm] min. Tin per ASTM B545 Type 1 over
100
μ [2.54μm] min. Nickel per SAE-AMS-QQ-N-290.
SJ200-TL = 200
μ [5.08μm] min. 93/7 Tin/Lead per ASTM B545
over 100
μ [2.54μm] min. Nickel per SAE-AMS-QQ-N-290.
• 4-fingered collet contact is Beryllium Copper Alloy per
UNS C17200 ASTM-B194-01.
• Contact plating is 30
μ [.76μm] min. Gold per MIL-G-45204 over
50
μ [1.27μm] min. Nickel per SAE-AMS-QQ-N-290.
• Contact current rating=8 Amps.
• Operating temperature= -67°F to 221°F [-55° to 105°C].
• Insertion Force=240 grams/pin; Withdrawal Force=130
grams/pin; Normal Force=210 grams/pin; based on a .040 [1.02]
diameter test lead.
• Accepts leads .032-.047 [.81-1.19] in diameter, .130-.180 [3.30-
4.56] long.
SHORTING PLUG (SP200) SPECIFICATIONS:
• Body material is black UL 94V-0 Glass-filled 4/6 Nylon.
• Pin is Brass Alloy 260, 1/4 or 1/2 hard.
• Pin plating is 10
μ [.25μm] Gold per MIL-G-45204 over 50 μ
[1.27
μm] Nickel per SAE-AMS-QQ-N-290.
• Current rating=5 Amps.
• Operating temperature= -67°F to 257°F [-55°C to 125°C].
ALL DIMENSIONS: INCHES [MILLIMETERS]
All tolerances ± .005 [.13]
unless otherwise specified
Specify Part No. SP200 when
ordering shorting plugs
ORDERING INFORMATION
Shorting plugs are used with Aries’
female DIP strips, Series F40. Consult
Data Sheet No. 16008 for details.
CONTACT DETAIL
Specify Part No. SJ200 or SJ200-TL
when ordering shorting jacks
Shorting jacks are used with Aries’
male DIP strips, Series M40. Consult
Data Sheet No. 16007 for details.
ORDERING INFORMATION
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
16009
REV. E
Bristol, PA USA
TEL: (215) 781-9956
FAX: (215) 781-9845
http://www.arieselec.com • info@arieselec.com
abc


Similar Part No. - SP200

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP200 SIPEX-SP200 Datasheet
213Kb / 15P
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
SP200 SIPEX-SP200 Datasheet
263Kb / 16P
5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
Astrodyne Corporation
SP200 ASTRODYNE-SP200 Datasheet
337Kb / 4P
200W Single Output with PFC Function
logo
Metcal
SP200-11 METCAL-SP200-11 Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
logo
Astrodyne Corporation
SP200-12 ASTRODYNE-SP200-12 Datasheet
337Kb / 4P
200W Single Output with PFC Function
More results

Similar Description - SP200

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
LP300 ARIES-LP300 Datasheet
121Kb / 1P
Programmers and Shorting Plugs
logo
Switchcraft, Inc.
RAPC752 SWITCH-RAPC752 Datasheet
352Kb / 1P
JACKS AND PLUGS
logo
Aries Electronics, Inc.
SP200 ARIES-SP200_11 Datasheet
1Mb / 1P
Shorting Plugs and Jacks
logo
List of Unclassifed Man...
6030 ETC2-6030 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
Aries Electronics, Inc.
16003 ARIES-16003 Datasheet
192Kb / 1P
Programmers and Shorting Plugs
16009 ARIES-16009 Datasheet
1Mb / 1P
Shorting Plugs and Jacks
logo
Kycon, Inc.
GAX KYCON-GAX Datasheet
855Kb / 1P
MODULAR JACKS AND PLUGS
GDWLX KYCON-GDWLX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GDX KYCON-GDX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GLX-M KYCON-GLX-M Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com