Electronic Components Datasheet Search
  English  ▼

X  

1109477 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 1109477
Description  64-Pin DIP-to-PLCC 68-Pin Zilog Z80180 Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

1109477 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  1109477 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Replace difficult-to-obtain DIP devices with common PLCC packages.
GENERAL SPECIFICATIONS
• PCB: FR-4, 0.062 [1.56] or 0.094 [2.39] thick
• MALE PIN: Brass 360 1/2-hard per UNS C36000, ASTM B16/B16M
• OPERATING TEMPERATURE: 221°F [105°C]
• MALE PIN PLATING: 200µ [5.08µ] Sn/Pb 93/7 per ASTM B579-73 over 100µ
[2.54µ] Ni per SAE-AMS-QQ-N-290
MOUNTING CONSIDERATIONS
• Mounts in socket or 0.028 dia. [0.711] thru hole standard HASL PLCC pads on
top of adapter
18050
Rev. AA
64-Pin DIP-to-PLCC 68-Pin Zilog
Z80180 Adapter
ORDERING INFORMATION
P/N 1109477 PLCC-to-DIP 68-Pin
P/N 1109477-P Panelized Form
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS


Similar Part No. - 1109477

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1109400 MACOM-1109400 Datasheet
5Mb / 85P
tyco electronics contents
1109401 MACOM-1109401 Datasheet
5Mb / 85P
tyco electronics contents
1109402 MACOM-1109402 Datasheet
5Mb / 85P
tyco electronics contents
1109403 MACOM-1109403 Datasheet
5Mb / 85P
tyco electronics contents
1109404 MACOM-1109404 Datasheet
5Mb / 85P
tyco electronics contents
More results

Similar Description - 1109477

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK64D600-TSSOP.65 ACCUTEK-AK64D600-TSSOP.65 Datasheet
241Kb / 5P
64 Pin to 84 Pin DIP Adapters
logo
Aries Electronics, Inc.
1111163 ARIES-1111163 Datasheet
476Kb / 1P
40-Pin DIP-to-Socketable PLCC Adapter
1110267-N-P ARIES-1110267-N-P Datasheet
467Kb / 1P
68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
16-304633-18 ARIES-16-304633-18 Datasheet
423Kb / 1P
20-Pin PLCC-to-16-Pin DIP Adapter for Motorola MC12009 and Others
logo
Assmann Electronics Inc...
A-CCS68-Z-R ASSMANN-A-CCS68-Z-R Datasheet
268Kb / 1P
PLCC SOCKET 68 PIN, TIN
logo
ACCUTEK MICROCIRCUIT CO...
AK64D600 ACCUTEK-AK64D600_13 Datasheet
1Mb / 5P
64 Pin to 72 Pin DIP Adapters
logo
List of Unclassifed Man...
PA552-68 ETC2-PA552-68 Datasheet
31Kb / 2P
68 pin PLCC socket/40 pin DIP 0.6??plug
logo
Aries Electronics, Inc.
18026 ARIES-18026 Datasheet
544Kb / 1P
P/N 1111163 40-Pin DIP-to-Socketable PLCC Adapter
18050 ARIES-18050 Datasheet
840Kb / 1P
Zilog Z80180 68-Pin PLCC-to-64-Pin DIP
18054 ARIES-18054 Datasheet
552Kb / 1P
68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com