Electronic Components Datasheet Search
  English  ▼

X  

TCMT1102 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCMT1102
Description  Optocoupler with Phototransistor Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCMT1102 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCMT1102 Datasheet HTML 1Page - Vishay Siliconix TCMT1102 Datasheet HTML 2Page - Vishay Siliconix TCMT1102 Datasheet HTML 3Page - Vishay Siliconix TCMT1102 Datasheet HTML 4Page - Vishay Siliconix TCMT1102 Datasheet HTML 5Page - Vishay Siliconix TCMT1102 Datasheet HTML 6Page - Vishay Siliconix TCMT1102 Datasheet HTML 7Page - Vishay Siliconix TCMT1102 Datasheet HTML 8Page - Vishay Siliconix TCMT1102 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TCMT11.. Series
Vishay Semiconductors
3 (12)
www.vishay.com
Document Number 83510
Rev. A2, 15–Dec–00
Electrical Characteristics (Tamb = 25°C)
Input (Emitter)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 50 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
Output (Detector)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter voltage
IC = 100 mA
VCEO
70
V
Emitter collector voltage
IE = 100 mA
VECO
7
V
Collector dark current
VCE = 20 V, IF = 0, E = 0
ICEO
100
nA
Coupler
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter saturation
voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
IF = 10 mA, VCE = 5 V,
RL = 100 W
fc
100
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
Current Transfer Ratio (CTR)
Parameter
Test Conditions
Type
Symbol
Min.
Typ.
Max.
Unit
IC/IF
VCE = 5 V, IF = 5 mA
TCMT1100
CTR
0.5
6.0
C F
VCE = 5 V, IF = 10 mA
TCMT1101
CTR
0.4
0.8
VCE = 5 V, IF = 10 mA
TCMT1102
CTR
0.63
1.25
VCE = 5 V, IF = 10 mA
TCMT1103
CTR
1.0
2.0
VCE = 5 V, IF = 10 mA
TCMT1104
CTR
1.6
3.2
VCE = 5 V, IF = 5 mA
TCMT1105
CTR
0.5
1.5
VCE = 5 V, IF = 5 mA
TCMT1106
CTR
1.0
3.0
VCE = 5 V, IF = 5 mA
TCMT1107
CTR
0.8
1.6
VCE = 5 V, IF = 5 mA
TCMT1108
CTR
1.3
2.6
VCE = 5 V, IF = 5 mA
TCMT1109
CTR
2.0
4.0
VCE = 5 V, IF = 5 mA
TCMT4100
CTR
0.5
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com