Electronic Components Datasheet Search
  English  ▼

X  

HC323T Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HC323T
Description  NPN SILICON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HC323T Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HC323T Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
 
█ APPLICATIONS
Switching Circuit,Interface Circuit.
█ ABSOLUTE MAXIMUM RATINGS(T
a=25℃)
█ ELECTRICAL CHARACTERISTICS(T
a=25℃)
Symbol 
Characteristics 
Min 
Typ 
Max 
Unit 
Test Conditions 
BVCBO
Collector-Base Breakdown Voltage
30 
 
 
V 
IC=50μA, IE=0
BVCEO
Collector-Emitter Breakdown Voltage
15 
 
 
V 
IC=1mA, IB=0 
BVEBO
Emitter-Base Breakdown Voltage
5 
 
 
V 
IE=50μA,IC=0
ICBO
Collector Cut-off Current
 
 
0.5 
μA  VCB=20V, IE=0
IEBO
Emitter Cut-off Current
 
 
0.5 
μA  VEB=4V, IC=0
HFE 
DC Current Gain 
100 
250 
600 
 
VCE=5V, IC=50mA 
VCE(sat)  Collector- Emitter Saturation Voltage 
 
40 
80 
mV 
IC=50mA, IB=2.5mA 
VI(off)  Input Off Voltage
0.4  0.55  0.8 
V 
VCE=5V, IC=0.1mA 
VI(on) Input On Voltage
0.6 
0.8 
1.5 
V 
VCE=0.2V, IC=10mA
R1
Input Resistor
1.64  2.2  2.86  KΩ   
fT
Current Gain-Bandwidth Product
 
200 
 
MHz 
VCE=10V,IC=50mA,f=100MHz
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation…………………………………300mW
VCBO——Collector-Base Voltage………………………………30V
VCEO——Collector-Emitter Voltage……………………………15V
VEBO ——Emitter -Base Voltage………………………………5V
IC——Collector Current………………………………………600mA
1―Emitter,E
2―Collector,C
3―Base,B
TO-92S
HC323T
N PN DIGITAL TRANSISTOR


Similar Part No. - HC323T

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC321 ALTERA-HC321 Datasheet
582Kb / 26P
HardCopy III Device
HC322 ALTERA-HC322 Datasheet
582Kb / 26P
HardCopy III Device
logo
auris-GmbH
HC3225 AURIS-HC3225 Datasheet
74Kb / 1P
Quartz SMD, Ceramic
HC3225 AURIS-HC3225 Datasheet
487Kb / 1P
Quartz SMD, Ceramic
HC3225/4 AURIS-HC3225/4 Datasheet
487Kb / 1P
Quartz SMD, Ceramic
More results

Similar Description - HC323T

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com