Electronic Components Datasheet Search
  English  ▼

X  

HC2344 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HC2344
Description  NPN SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HC2344 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HC2344 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HC2344 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HC2344 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
█
APPLICATIONS
High Voltage switching,AF Power Amp.
█
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
█
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Characteristics
Min
Typ
Max
Unit
Test Conditions
BVCBO
Collector-Base Breakdown Voltage
180
V
IC=1mA, IE=0
BVCEO
Collector-Emitter Breakdown Voltage
160
V
IC=1mA, IB=0
BVEBO
Emitter-Base Breakdown Voltage
6
V
IE=1mA,IC=0
ICBO
Collector Cutoff Current
10
μA
VCB=120V, IE=0
IEBO
Emitter-Base Cutoff Current
10
μA
VEB=4V, IC=0
HFE
DC Current Gain
60
200
VCE=5V, IC=300mA
VCE(sat)
Collector- Emitter Saturation Voltage
0.3
1.0
V
IC=500mA, IB=50mA
VBE
Base- Emitter Voltage
1.5
V
VCE=5V,IC=10A
Cob
Output Capacitance
23
pF
VCB=10V, f=1MHz
fT
Current Gain-Bandwidth Product
100
MHz
VCE=10V,IC=50mA,
ton
Turn-On Time
0.15
μS
tf
Fall Time
0.48
μS
tstg
Storage Time
0.81
μS
See specified test circuit
█
hFE Classification
D
E
60—120
100—200
NPN SILICON TRANSISTOR
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature……………………………… 150℃
PC——Collector Dissipation(Tc=25℃)…………………… 25W
VCBO——Collector-Base Voltage………………………… 180V
VCEO——Collector-Emitter Voltage……………………… 160V
VEBO——Emitter-Base Voltage…………………………………6V
IC——Collector Current(DC)……………………………… 1.5A
ICP——Collector Current(Pulse)……………………………3A
HC2344
1―Base,B
2―Collector,C
3―Emitter, E
TO-220


Similar Part No. - HC2344

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC230 ALTERA-HC230 Datasheet
3Mb / 228P
HardCopy II Device Family
HC230 ALTERA-HC230 Datasheet
2Mb / 182P
Package Information Datasheet for Mature Altera Devices
More results

Similar Description - HC2344

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com