Electronic Components Datasheet Search
  English  ▼

X  

HC4242 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HC4242
Description  NPN SILICON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HC4242 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HC4242 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
█
APPLICATIONS
High Speed Switching
And Power Amplifier.
█
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
█
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Characteristics
Min
Typ
Max
Unit
Test Conditions
BVCBO
Collector-Base Breakdown Voltage
450
V
IC=1mA, IE=0
BVCEO
Collector-Emitter Breakdown Voltage
400
V
IC=100mA, IB=0
BVEBO
Emitter-Base Breakdown Voltage
10
V
IE=1mA,IC=0
ICBO
Collector Cut-off Current
100
μA
VCB=450V, IE=0
IEBO
Emitter Cut-off Current
100
μA
VEB=10V, IC=0
HFE(1) DC Current Gain
15
55
VCE=5V, IC=0.8A
HFE(2)
10
VCE=5V, IC=2A
HFE(3)
10
VCE=5V, IC=4A
VCE(sat) Collector- Emitter Saturation Voltage
0.8
V
IC=4A, IB=0.8A
VBE(sat) Base-Emitter Saturation Voltage
1.2
V
IC=4A, IB=0.8A
█
hFE Classification
A
B1
B2
B3
B4
15—28
22—35
29—42
36—49
43—55
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation(Tc=25℃)……………………………40W
VCBO——Collector-Base Voltage………………………………450V
VCEO——Collector-Emitter Voltage……………………………400V
VEBO——Emitter-Base Voltage……………………………………10V
IC——Collector Current………………………………………………7A
Ib——Base Current………………………………………………2A
1―Base,B
2―Collector,C
3―Emitter,E
TO-220
HC4242
NPN SILICON TRANSISTOR


Similar Part No. - HC4242

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HC4242S HUASHAN-HC4242S Datasheet
81Kb / 2P
NPN SILICON TRANSISTOR
More results

Similar Description - HC4242

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com