Electronic Components Datasheet Search
  English  ▼

X  

HC8050 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HC8050
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HC8050 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HC8050 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HC8050 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
█
NPN EPITAXIAL SILICON TRANSISTOR
2W OUTPUT AMPLIFIER PORTABLE RADIO IN CLASS
B PUSH-PULL OPERATION.
█
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
█
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Characteristics
Min
Typ
Max
Unit
Test Conditions
ICBO
IEBO
HFE
VBE
VCE(sat)
VBE(sat)
BVCBO
BVCEO
BVEBO
fT
Collector Cut-off Current
Emitter Cut-off Current
DC Current Gain
Base- Emitter Voltage
Collector- Emitter Saturation Voltage
Base- Emitter Saturation Voltage
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
Emitter- Base Breakdown Voltage
Current Gain-Bandwidth Product
85
40
40
25
6
100
0.1
0.1
500
1
0.5
1.2
μ
A
μ
A
V
V
V
V
V
V
MHz
VCB=35V, IE=0
VEB=6V, IC=0
VCE=1V, IC=100mA
VCE=1V, IC=800mA
VCE=1V, IC=10mA
IC=800mA, IB=80mA
IC=800mA,IB=80mA
IC=100μA,IE=0
IC=2mA,IB=0
IE=100μA,IC=0
VCE=10V, IC=50mA
█
hFE Classification
B
C
D
E
85—160
120—200
160—300
270—500
Tstg——Storage Temperature………………………… -55~150℃
Tj——Juncttion Temperature…………………………………150℃
PC——Collector Dissipation…………………………………1W
VCBO——Collector-Base Voltage………………………………40V
VCEO——Collector-Emitter Voltage……………………………25V
VEBO——Emitter-Base Voltage………………………………6V
IC——Collector Current………………………………………1.5A
1―Emitter,E
2―Collector,C
3―Base,B
TO-92
HC8050


Similar Part No. - HC8050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC8050 ETC1-HC8050 Datasheet
139Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
logo
SHANTOU HUASHAN ELECTRO...
HC8050S HUASHAN-HC8050S Datasheet
136Kb / 2P
NPN SILICON TRANSISTOR
More results

Similar Description - HC8050

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com