Electronic Components Datasheet Search
  English  ▼

X  

HC8550 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HC8550
Description  PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HC8550 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HC8550 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HC8550 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
█
PNP EPITAXIAL SILICON TRANSISTOR
2W OUTPUT AMPLIFIER PORTABLE RADIO IN CLASS
B PUSH-PULL OPERATION.
█
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
█
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Characteristics
Min
Typ
Max
Unit
Test Conditions
ICBO
IEBO
HFE
VBE
VCE(sat)
VBE(sat)
BVCBO
BVCEO
BVEBO
fT
Collector Cut-off Current
Emitter Cut-off Current
DC Current Gain
Base- Emitter Voltage
Collector- Emitter Saturation Voltage
Base- Emitter Saturation Voltage
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
Emitter- Base Breakdown Voltage
Current Gain-Bandwidth Product
85
40
-40
-25
-6
100
-0.1
-0.1
500
-1
-0.5
-1.2
μ
A
μ
A
V
V
V
V
V
V
MHz
VCB=-35V, IE=0
VEB=-6V, IC=0
VCE=-1V, IC=-100mA
VCE=-1V, IC=-800mA
VCE=-1V, IC=-10mA
IC=-800mA, IB=-80mA
IC=-800mA,IB=-80mA
IC=-100μA,IE=0
IC=-2mA,IB=0
IE=-100μA,IC=0
VCE=-10V, IC=-50mA
█
hFE Classification
B
C
D
E
85—160
120—200
160—300
270—500
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation…………………………………1W
VCBO——Collector-Base Voltage………………………………-40V
VCEO——Collector-Emitter Voltage……………………………-25V
VEBO——Emitter-Base Voltage………………………………-6V
IC——Collector Current………………………………………-1.5A
1―Emitter,E
2―Collector,C
3―Base,B
TO-92
HC8550


Similar Part No. - HC8550

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HC8550S HUASHAN-HC8550S Datasheet
134Kb / 2P
PNP SILICON TRANSISTOR
More results

Similar Description - HC8550

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com