Electronic Components Datasheet Search
  English  ▼

X  

URAM3HS2 Datasheet(PDF) 6 Page - Vicor Corporation

Part # URAM3HS2
Description  Output Ripple Attenuation Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

URAM3HS2 Datasheet(HTML) 6 Page - Vicor Corporation

  URAM3HS2 Datasheet HTML 1Page - Vicor Corporation URAM3HS2 Datasheet HTML 2Page - Vicor Corporation URAM3HS2 Datasheet HTML 3Page - Vicor Corporation URAM3HS2 Datasheet HTML 4Page - Vicor Corporation URAM3HS2 Datasheet HTML 5Page - Vicor Corporation URAM3HS2 Datasheet HTML 6Page - Vicor Corporation URAM3HS2 Datasheet HTML 7Page - Vicor Corporation URAM3HS2 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
MicroRAM Data Sheet
Rev. 1.1
Page 6 of 8
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Figure 7—Headroom vs. load current at 28V output.
Figure 8—V375A28C600A and µRAM; Input and output ripple
@50% (10A) load CH1=Vi; CH2=Vo; Vi-Vo=332mV; RHR=178k
µRAM2xxx (µRAM3xxx data not included in this rev.)
Figure 9—V375A28C600A and µRAM; Input and output
dynamic response no added CTRAN; 20% of 20A rating load
step of 4A (10A➟14A);RHR=178k (Configured as in Figs. 1 & 2)
Figure 10—V375A28C600A and µRAM; Input and output
dynamic response CTRAN=820µF Electrolytic; 32.5% of load step
of 6.5A (10A➟16.5A);RHR=178k (Configured as in Figs. 1 & 2)
I_Iload
2A
4A
6A
8A
10A
12A
14A
16A
18A
20A
1A
V(VSOURCE) –V(VOut)
200mV
300mV
400mV
450mV
VOUT=28V
190k
Rhr=150k
160k
170k
180k
200k
Figure 5—Headroom vs. load current at 3V output.
Figure 6—Headroom vs. load current at 15V output.
I_Iload
2A
4A
6A
8A
10A
12A
14A
16A
18A
20A
1A
V(VSOURCE) –V(VOut)
200mV
300mV
400mV
450mV
VOUT=3V
20k
Rhr=16k
17k
18k
19k
21k
I_Iload
2A
4A
6A
8A
10A
12A
14A
16A
18A
2 0A
1A
V(VSOURCE) –V(VOut)
200mV
300mV
400mV
450mV
VOUT=15V
100k
Rhr=80k
85k
90k
95k
105k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com