Electronic Components Datasheet Search
  English  ▼

X  

HD882S Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HD882S
Description  NPN SILICON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HD882S Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HD882S Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
 
█ AUDIO FREQUENCY POWER AMPLIFIER
LOW SPEED SWITCHING
█ ABSOLUTE MAXIMUM RATINGS(T
a=25℃)
█ ELECTRICAL CHARACTERISTICS(T
a=25℃)
Symbol 
Characteristics 
Min 
Typ 
Max 
Unit 
Test Conditions 
ICBO
Collector Cut-off Current
 
 
100 
nA  VCB=30V, IE=0
IEBO
Emitter Cut-off Current
 
 
100 
nA  VEB=3V, IC=0
HFE 
DC Current Gain 
100 
 
490 
 
VCE=2V,
IC=1A 
VCE(sat)
Collector Emitter Saturation Voltage
 
 
0.5 
V 
IC=2 A , IB=0.2A
VBE(sat) 
Base-Emitter Saturation Voltage 
 
 
2.0 
V 
IC=2A, IB=0.2A 
fT
Current Gain- Bandwidth Product
 
80 
 
MHz  VCE=5V, IC=0.1A
Cob
Output Capacitance
 
55 
 
pF 
VCB=10V, IE=0 ,f=1MHz
█ hFE Classification
Q
P
E
 
 
 
 
100—200   
 
160—320   
 
260—490   
   
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation…………………………………0.75W
VCBO——Collector-Base Voltage………………………………40V
VCEO——Collector-Emitter Voltage……………………………30V
VEBO —— Emitter - Base Voltage……………………………5V
I C—— Collector Current…………………………………… 3 A
1―Emitter,E
2―Collector,C
3―Base,B
TO-92
HD882S
N PN S I L I C O N T R A N S I S T O R


Similar Part No. - HD882S

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HD880 HUASHAN-HD880 Datasheet
157Kb / 2P
NPN SILICON TRANSISTOR
More results

Similar Description - HD882S

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com