Electronic Components Datasheet Search
  English  ▼

X  

HFF640 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HFF640
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HFF640 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HFF640 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFF640 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFF640 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFF640 Datasheet HTML 4Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFF640 Datasheet HTML 5Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
█ APPLICATIONSL
 
High Voltage High-Speed Switching.
█ ABSOLUTE MAXIMUM RATINGS(T
a=25℃)
█ ELECTRICAL CHARACTERISTICS(T
a=25℃)
Symbol 
Characteristic s 
Min 
Typ 
Max 
Unit 
Test Conditions 
BVDSS
Drain-Source Breakdown Voltage
200
V
ID=250μA ,VGS=0V
IDSS
Zero Gate Voltage Drain Current
 
 
10 
μA  VDS =200V,VGS=0 
IGSS
Gate –Source Leakage Current
 
 
±100  nA  VGS=±20V , VDS =0V 
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS , ID =250μA
RDS(on)
Static Drain-Source On-Resistance
 
0.145  0.18 
?  
VGS=10V, ID =9A 
gfs
Forward Transconductance
 
13 
 
S
VDS = 40V , ID =9A*
Ciss
Input Capacitance
 
1300 
1700 
pF   
Coss
Output Capacitance
175
230
pF
  VDS =25V, VGS=0,f=1MHz 
Crss
Reverse Transfer Capacitance
45
60
pF
   
td(on)
Turn - On Delay Time
20
50
nS
tr
Rise Time
145
300
nS
td(off)
Turn - Off Delay Time
145
300
nS
tf
Fall Time
110
230
nS
VDD =100V,
ID =18A
RG= 25 Ω * 
 
Qg
Total Gate Charge
45
58
nC
VDS =0.8VDSS
Qgs
Gate–Source Charge
6.5
nC
VGS=10V
Qgd
Gate–Drain Charge
22
nC
ID=18A *
Is
Continuous Source Current
 
 
18 
A 
VSD
Diode Forward Voltage
 
 
1.5 
V 
IS =18A , VGS=0
Rth(j-c)
Thermal Resistance,
Junction-to-Case
 
 
2.89  ℃/W 
*Pulse Test:Pulse Width≤300μs,Duty Cycle≤2%
N-Channel
MOSFET
T stg ——Storage Temperature……………………………-55~150℃
Tj ——Operating Junction Temperature …………………………150℃ 
PD —— Allowable Power Dissipation(Tc=25℃)…………………43W
VDSS —— Drain-Source Voltage ………………………………… 200V
VDGR —— Drain-Gate Voltage (RGS=1MΩ) ……………………200V
VGSS —— Gate-Source Voltage …………………………………±20V
ID ——
*Drain Current(T
c=25℃)…………………………………18A
* Drain current limited by maximumjunction temperature
HFF640
1―G
2―D
3―S
TO-220F
1


Similar Part No. - HFF640

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HFF630 HUASHAN-HFF630 Datasheet
232Kb / 5P
N-Channel MOSFET
More results

Similar Description - HFF640

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com