Electronic Components Datasheet Search
  English  ▼

X  

2N6576 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 2N6576
Description  NPN Silicon Power Darlington Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N6576 Datasheet(HTML) 2 Page - Motorola, Inc

  2N6576 Datasheet HTML 1Page - Motorola, Inc 2N6576 Datasheet HTML 2Page - Motorola, Inc 2N6576 Datasheet HTML 3Page - Motorola, Inc 2N6576 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N6576 2N6577 2N6578
2
Motorola Bipolar Power Transistor Device Data
*ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 200 mAdc, IB = 0)
2N6576
2N6577
2N6578
VCEO(sus)
60
90
120
—
—
—
Vdc
Collector Cutoff Current (VCE = Rated Value)
ICEO
—
1.0
mAdc
Collector Cutoff Current
(VCER = Rated VCEO(sus) Value, RBE = 10 kΩ, TC = 150_C)
ICER
—
5.0
mAdc
Collector Cutoff Current
VCEX = Rated VCEO(sus) Value, VBE(off) = 1.5 Vdc)
ICEV
—
5.0
mAdc
Collector Cutoff Current (VCB = Rated Value)
ICBO
—
0.5
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 15 Adc, VCE = 4.0 Vdc)
(IC = 10 Adc, VCE = 3.0 Vdc)
(IC = 4.0 Adc, VCE = 3.0 Vdc)
(IC = 0.4 Adc, VCE = 3.0 Vdc)
hFE
100
500
2000
200
—
5,000
20,000
—
—
Collector–Emitter Saturation Voltage
(IC = 15 Adc, IB = 0.15 Adc)
(IC = 10 Adc, IB = 0.1 Adc)
VCE(sat)
—
—
4.0
2.8
Vdc
Base–Emitter Saturation Voltage
(IC = 15 Adc, IB = 0.15 Adc)
(IC = 10 Adc, IB = 0.1 Adc)
VBE(sat)
—
—
4.5
3.5
Vdc
Collector–Emitter Diode Voltage Drop
(IEC = 15 Adc)
VF
—
4.5
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common–Emitter Small–Signal Short–Circuit Current Transfer Ratio
(IC = 3.0 Adc, VCE = 3.0 Vdc, f = 1.0 MHz)
|hfe|
10
200
—
SWITCHING CHARACTERISTICS
RESISTIVE LOAD (Figure 2)
Delay Time
(VCC = 30 Vdc, IC = 10 Adc, IB1 = 0.1 Adc,
tp = 300 µs, Duty Cycle v 2.0%)
td
—
0.15
µs
Rise Time
(VCC = 30 Vdc, IC = 10 Adc, IB1 = 0.1 Adc,
tp = 300 µs, Duty Cycle v 2.0%)
tr
—
1.0
µs
Storage Time
(VCC = 30 Vdc, IC = 10 Adc, IB1 = IB2 = 0.1 Adc,
tp = 300 µs, Duty Cycle v 2.0%)
ts
—
2.0
µs
Fall Time
(VCC = 30 Vdc, IC = 10 Adc, IB1 = IB2 = 0.1 Adc,
tp = 300 µs, Duty Cycle v 2.0%)
tf
—
7.0
µs
* Indicates JEDEC Registered Data
(1) Pulse test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
BONDING WIRE LIMITED
THERMAL LIMIT, SINGLE PULSE,
TC = 25°C
SECOND BREAKDOWN LIMIT
40
Figure 1. Rated Forward Biased
Safe–Operating Area
5.0
10
20
150
0.2
10
0.5
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
20
60
1.0
dc
2.0
2N6576
2N6577
2N6578
100
µs
0.1
40
100
0.05
2.0
TJ = 200°C
5.0
1.0 ms
5.0 ms
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 1 is based on TC = 25_C; TJ(pk) is
variable depending on power level. Second breakdown pulse
limits are valid for duty cycles to 10%.
TJ(pk) may be calculated from the data in Figure 6. At high
case temperatures thermal limitations will reduce the power
that can be handled to values less than the limitations im-
posed by second breakdown.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com