Electronic Components Datasheet Search
  English  ▼

X  

HTF4A60S Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HTF4A60S
Description  NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220F PACKAGE)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HTF4A60S Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HTF4A60S Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTF4A60S Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTF4A60S Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTF4A60S Datasheet HTML 4Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
 
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220F PACKAGE) 
█ Features
* Repetitive Peak Off-State Voltage: 600V
* R.M.S On-state Current(IT(RMS)=4A)
* High Commutation dv/dt  
   * Sensitive Gate Triggering 4 Mode 
█ General Description
The devices is sensitive gate triac suitable for direct coupling to
TTL,HTL,CMOS and application such as various logic functions,
low power AC switching applications, such as fan speed, small light
controllers and home appliance equipment. 
█ Absolute Maximum Ratings(T
a=25℃) 
 
                   
 
 
 
 
 
 
 
 
 
 
 
 
Tstg ——Storage Temperature ……………………………………………………………… -40~125℃ 
Tj ——Operating Junction Temperature …………………………………………………… -40~125℃ 
PGM ——Peak Gate Power Dissipation ……………………………………………………………1.5W
PG(AV) ——Average Gate Power Dissipation …………………………………………………… 0.1W
VDRM ——Repetitive Peak Off-State Voltage …………………………………………………… 600V
IT(RMS)——R.M.S On-State Current(Ta=95℃)………………………………………………… 4.0A
VGM ——Peak Gate Voltage ……………………………………………………………………… 7.0V
IGM ——Peak Gate Current ……………………………………………………………………… 1.0A
ITSM ——Surge On-State Current (One Cycle, 50/60Hz,Peak,Non-Repetitive) ……………… 30/33A
HTF4A60S
TO-220F


Similar Part No. - HTF4A60S

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HTF12A60 HUASHAN-HTF12A60 Datasheet
203Kb / 3P
INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTF16A60 HUASHAN-HTF16A60 Datasheet
205Kb / 3P
INSULATED TYPE TRIAC (TO-220F PACKAGE)
logo
SICK AG
HTF18-P4A2BB SICK-HTF18-P4A2BB Datasheet
730Kb / 8P
HYBRID PHOTOELECTRIC SENSORS
2024-03-12 16:10:49
logo
Connor-Winfield Corpora...
HTF2-19.44M CONNOR-WINFIELD-HTF2-19.44M Datasheet
205Kb / 2P
5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTF2A-19.44M CONNOR-WINFIELD-HTF2A-19.44M Datasheet
205Kb / 2P
5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
More results

Similar Description - HTF4A60S

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HBT137F-600 HUASHAN-HBT137F-600 Datasheet
201Kb / 3P
INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTF6A60 HUASHAN-HTF6A60 Datasheet
203Kb / 3P
INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTF8A60 HUASHAN-HTF8A60 Datasheet
324Kb / 3P
INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTF8A80 HUASHAN-HTF8A80 Datasheet
162Kb / 3P
NON INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTF16A60 HUASHAN-HTF16A60 Datasheet
205Kb / 3P
INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTM4A60S HUASHAN-HTM4A60S Datasheet
168Kb / 4P
INSULATED TYPE SENSITIVE GATE TRIAC (TO-126ML PACKAGE)
HTN4A60S HUASHAN-HTN4A60S Datasheet
181Kb / 4P
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-126 PACKAGE)
HTP4A60S HUASHAN-HTP4A60S Datasheet
167Kb / 4P
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220 PACKAGE)
HTU4A60S HUASHAN-HTU4A60S Datasheet
169Kb / 4P
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-251 PACKAGE)
logo
SemiHow Co.,Ltd.
HTX4-600S SEMIHOW-HTX4-600S Datasheet
297Kb / 7P
NON INSULATED TYPE SENSITIVE GATE TRIAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com