Electronic Components Datasheet Search
  English  ▼

X  

50T-059 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50T-059
Description  TERMINATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50T-059 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50T-059 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TERMINATION
SPECIFICATION SHEET
JFW MODEL 50T-059
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
DC-1200 MHz
Impedance
50 Ohms nominal (± 1% At DC)
VSWR
1.06:1 maximum
DC-250 MHz
1.1:1 maximum
250-500 MHz
1.2:1 maximum
500-1200 MHz
RF Input Power
30 Watts average @ 25ºC
Peak Power
3000 Watts (1 microsecond)
RF Connector
TNC female
Operating Temperature Range
-55ºC to +85ºC
Physical Size
See outline drawing 092-725
10/16/1997
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
9999
02/13/2003
A
SL 03/04/2003
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50T-059

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50T-054 JFW-50T-054 Datasheet
25Kb / 1P
TERMINATION
50T-055 JFW-50T-055 Datasheet
25Kb / 1P
TERMINATION
50T-056 JFW-50T-056 Datasheet
25Kb / 1P
TERMINATION
50T-057 JFW-50T-057 Datasheet
25Kb / 1P
TERMINATION
50T-058 JFW-50T-058 Datasheet
26Kb / 1P
TERMINATION
More results

Similar Description - 50T-059

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50T-014 JFW-50T-014 Datasheet
24Kb / 1P
TERMINATION
50T-300 JFW-50T-300 Datasheet
25Kb / 1P
TERMINATION
50T-317 JFW-50T-317 Datasheet
26Kb / 1P
TERMINATION
50T-378 JFW-50T-378 Datasheet
25Kb / 1P
TERMINATION
logo
Rosenberger Hochfrequen...
64K17R-001S3 ROSENBERGER-64K17R-001S3 Datasheet
531Kb / 2P
Termination
18K15R-0-5E3 ROSENBERGER-18K15R-0-5E3 Datasheet
512Kb / 2P
Termination
logo
JFW Industries, Inc.
50T-001 JFW-50T-001_11 Datasheet
65Kb / 1P
TERMINATION
50T-002 JFW-50T-002_11 Datasheet
25Kb / 1P
TERMINATION
50T-549 JFW-50T-549 Datasheet
26Kb / 1P
TERMINATION
50T-552 JFW-50T-552 Datasheet
25Kb / 1P
TERMINATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com