Electronic Components Datasheet Search
  English  ▼

X  

2N6987 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N6987
Description  MULTIPLE (QUAD) PNP SILICON SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6987 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N6987 Datasheet HTML 1Page - Microsemi Corporation 2N6987 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
MULTIPLE (QUAD) PNP SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/558
Devices
Qualified Level
2N6987
2N6987U
2N6988
JAN
JANTX
JANTXV
JANS
MAXIMUM RATINGS
(1)
Ratings
Symbol
Value
Units
Collector-Emitter Voltage
(4)
VCEO
60
Vdc
Collector-Base Voltage
(4)
VCBO
60
Vdc
Emitter-Base Voltage
(4)
VEBO
5.0
Vdc
Collector Current
IC
600
mAdc
Total Power Dissipation
@ TA = +25
0C
2N6987
(2)
2N6987U
(2)
2N6988
(3)
PT
1.5
1.0
0.4
W
Operating & Storage Junction Temperature Range
Top, Tstg
-65 to +200
0C
1) Maximum voltage between transistors shall be
≥ 500 Vdc
2) Derate linearly 8.57 mW/
0C above TA = +250C
3) Derate linearly 2.286 mW/
0C above TA = +250C.
4) Ratings apply to each transistor in the array.
2N6987*
TO- 116
2N6987U*
20 PIN LEADLESS
2N6988*
14 PIN FLAT PACK
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
V(BR)CEO
60
Vdc
Collector-Base Cutoff Current
VCB = 60 Vdc
VCB = 50 Vdc
ICBO
10
10
µAdc
ηAdc
Emitter-Base Cutoff Current
VBE = 5.0 Vdc
VEB = 3.5 Vdc
IEBO
10
50
µAdc
ηAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N6987

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N6987 SEMICOA-2N6987 Datasheet
31Kb / 1P
Chip Type 2C2907A Geometry 0600 Polarity PNP
2N6987 SEMICOA-2N6987 Datasheet
69Kb / 2P
Type 2N6987 Geometry 0600 Polarity PNP
2N6987 SEMICOA-2N6987 Datasheet
212Kb / 2P
Silicon PNP Transistor
logo
Microsemi Corporation
2N6987JAN MICROSEMI-2N6987JAN Datasheet
57Kb / 2P
MULTIPLE PNP SILICON SWITCHING TRANSISTOR
2N6987JANS MICROSEMI-2N6987JANS Datasheet
57Kb / 2P
MULTIPLE PNP SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N6987

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MPQ3798 CENTRAL-MPQ3798 Datasheet
145Kb / 2P
PNP SILICON QUAD TRANSISTOR
logo
Microsemi Corporation
2N6987JAN MICROSEMI-2N6987JAN Datasheet
57Kb / 2P
MULTIPLE PNP SILICON SWITCHING TRANSISTOR
logo
Central Semiconductor C...
MPQ2907A CENTRAL-MPQ2907A Datasheet
97Kb / 1P
PNP SILICON QUAD TRANSISTOR
logo
Microsemi Corporation
2N6989 MICROSEMI-2N6989 Datasheet
61Kb / 2P
MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE AND FLATPACK SWITCHING TRANSISTOR
logo
Central Semiconductor C...
MPQ2906 CENTRAL-MPQ2906 Datasheet
417Kb / 2P
PNP SILICON QUAD TRANSISTOR
MPQ2907A CENTRAL-MPQ2907A_12 Datasheet
417Kb / 2P
PNP SILICON QUAD TRANSISTOR
MPQ2906 CENTRAL-MPQ2906_15 Datasheet
417Kb / 2P
PNP SILICON QUAD TRANSISTOR
MPQ2907A CENTRAL-MPQ2907A_15 Datasheet
417Kb / 2P
PNP SILICON QUAD TRANSISTOR
MPQ3798 CENTRAL-MPQ3798_15 Datasheet
148Kb / 2P
PNP SILICON QUAD TRANSISTOR
MPQ3906 CENTRAL-MPQ3906_15 Datasheet
426Kb / 2P
PNP SILICON QUAD TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com