Electronic Components Datasheet Search
  English  ▼

X  

2N6989 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N6989
Description  MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE AND FLATPACK SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6989 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N6989 Datasheet HTML 1Page - Microsemi Corporation 2N6989 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE AND FLATPACK
SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/559
Devices
Qualified Level
2N6989
2N6989U
2N6990
JAN
JANTX
JANTXV
JANS
MAXIMUM RATINGS
(1)
Ratings
Symbol
Value
Units
Collector-Emitter Voltage
(3)
VCEO
50
Vdc
Collector-Base Voltage
(3)
VCBO
75
Vdc
Emitter-Base Voltage
(3)
VEBO
6.0
Vdc
Collector Current
(3)
IC
800
mAdc
Total Power Dissipation
@ TA = +25
0C
2N6989
(2)
2N6989U
(2)
2N6990
(2)
PD
1.5
1.0
0.4
W
Operating & Storage Junction Temperature Range
Top, Tstg
-65 to +200
0C
1) Maximum voltage between transistors shall be
≥ 500 Vdc
2) Derate linearly 8.57 mW/
0C above TA = +250C for 2N6989 and 2N6989U
Derate linearly 2.286 mW/
0C above TA = +250C for 2N6990
Ratings apply to total package.
3) Ratings apply to each transistor in the array.
TO- 116*
2N6989
20 PIN LEADLESS*
2N6989U
14 PIN FLAT PACK*
2N6990
*See appendix A for package
outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
V(BR)CEO
50
Vdc
Collector-Base Cutoff Current
VCB = 60 Vdc
VCB = 75 Vdc; Ic= 10 µAdc
ICBO
10
10
ηAdc
µAdc
Emitter-Base Cutoff Current
VEB = 4.0Vdc
VEB = 6.0Vdc; Ic= 10 µAdc
IEBO
10
10
ηAdc
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N6989

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N6989 SEMICOA-2N6989 Datasheet
29Kb / 1P
Chip Type 2C2222A Geometry 0400 Polarity NPN
2N6989 SEMICOA-2N6989 Datasheet
31Kb / 1P
Chip Type 2C2907A Geometry 0600 Polarity PNP
2N6989 SEMICOA-2N6989 Datasheet
53Kb / 2P
Type 2N6989 Geometry 0400 Polarity NPN
2N6989 SEMICOA-2N6989 Datasheet
212Kb / 2P
Silicon NPN Transistor
logo
Microsemi Corporation
2N6989 MICROSEMI-2N6989 Datasheet
154Kb / 7P
MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE
More results

Similar Description - 2N6989

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPQ6001 MOTOROLA-MPQ6001 Datasheet
504Kb / 6P
QUAD DUAL IN LINE SILICON COMPLEMENTARY PAIR TRANSISTORS
logo
Microsemi Corporation
2N6987JAN MICROSEMI-2N6987JAN Datasheet
57Kb / 2P
MULTIPLE PNP SILICON SWITCHING TRANSISTOR
2N6989JAN MICROSEMI-2N6989JAN Datasheet
56Kb / 2P
MULTIPLE NPN SILICON DUAL IN-LINE AND FLATPACK SWITCHING TRANSISTOR
2N6987 MICROSEMI-2N6987 Datasheet
62Kb / 2P
MULTIPLE (QUAD) PNP SILICON SWITCHING TRANSISTOR
logo
ON Semiconductor
MMPQ2369 ONSEMI-MMPQ2369 Datasheet
149Kb / 4P
Quad Switching Transistor NPN Silicon
August, 2006 ??Rev. 2
logo
Seme LAB
MHQ2222 SEME-LAB-MHQ2222 Datasheet
41Kb / 2P
Quad Dual-In-Line NPN Silicon Transistors
logo
Microsemi Corporation
2N6989 MICROSEMI-2N6989_1 Datasheet
154Kb / 7P
MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE
logo
Infineon Technologies A...
BCX41 INFINEON-BCX41_07 Datasheet
76Kb / 7P
NPN Silicon AF and Switching Transistor
2007-04-20
BCX41E6327 INFINEON-BCX41E6327 Datasheet
531Kb / 7P
NPN Silicon AF and Switching Transistor
2011-10-04
logo
Motorola, Inc
MPQ6100 MOTOROLA-MPQ6100 Datasheet
82Kb / 2P
QUAD DUAL-IN-LINE SILICON ANNULAR TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com