Electronic Components Datasheet Search
  English  ▼

X  

1SS133 Datasheet(PDF) 2 Page - Rohm

Part # 1SS133
Description  Switching diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

1SS133 Datasheet(HTML) 2 Page - Rohm

  1SS133 Datasheet HTML 1Page - Rohm 1SS133 Datasheet HTML 2Page - Rohm 1SS133 Datasheet HTML 3Page - Rohm 1SS133 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1SS133
Diodes
Rev.C
2/3
Electrical characteristics curves (Ta=25
°C)
FORWARD VOLTAGE:VF(V)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-P
R CHARACTERISTICS
trr DISPERSION MAP
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=175℃
0.1
1
10
100
1000
10000
100000
1000000
0
1020
30
4050
607080
Ta=125℃
Ta=-25℃
Ta=25℃
Ta=75℃
Ta=175℃
0.1
1
10
010
20
30
f=1MHz
900
910
920
930
940
950
AVE:925.7mV
Ta=25℃
IF=100mA
n=30pcs
0
10
20
30
40
50
60
70
80
90
100
Ta=25℃
VR=80V
n=30pcs
AVE:21.3nA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
AVE:0.803pF
Ta=25℃
VR=0.5V
f=1MHz
n=10pcs
0
5
10
15
20
8.3ms
Ifsm
1cyc
AVE:11.6A
0
0.5
1
1.5
2
2.5
3
AVE:1.46ns
Ta=25℃
VR=6V
IF=10mA
RL=50Ω
n=10pcs
0
5
10
15
20
1
10
100
1
10
100
0.1
1
10
100
t
Ifsm
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
Rth(j-l)
1ms
IM=1mA
IF=50mA
300us
time
Mounted on epoxy board
0.00
0.10
0.20
0.00
0.05
0.10
0.15
0.20
8.3ms
Ifsm
1cyc
8.3ms
DC
D=1/2
Sin(θ=180)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com