Electronic Components Datasheet Search
  English  ▼

X  

1SS356 Datasheet(PDF) 2 Page - Rohm

Part # 1SS356
Description  Band switching diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

1SS356 Datasheet(HTML) 2 Page - Rohm

  1SS356 Datasheet HTML 1Page - Rohm 1SS356 Datasheet HTML 2Page - Rohm 1SS356 Datasheet HTML 3Page - Rohm 1SS356 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1SS356
Diodes
Rev.C
2/3
Electrical characteristics curves (Ta=25
°C)
FORWARD VOLTAGE:VF(V)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
trr DISPERSION MAP
FORWARD CURRENT:IF(mA)
rf-IF CHARACTERISTICS
0.001
0.01
0.1
1
10
100
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
0.0001
0.001
0.01
0.1
1
10
0
102030
4050
Ta=125℃
Ta=-25℃
Ta=25℃
Ta=75℃
0.1
1
10
0
5
10
15
20
25
30
f=1MHz
0.1
1
10
0.01
0.1
1
10
f=100MHz
800
810
820
830
840
850
AVE:0.833V
Ta=25℃
IF=10mA
n=30pcs
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
AVE:0.807pF
Ta=25℃
VR=6V
f=1MHz
n=10pcs
0
5
10
15
20
AVE:5.60A
0
1
2
3
4
5
AVE:1.20ns
Ta=25℃
VR=6V
IF=10mA
RL=100Ω
Irr=0.1*IR
n=10pcs
FORWARD CURRENT:IF(mA)
rf DISPERSION MAP
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
AVE:0.602Ω
Ta=25℃
f=100MHz
IF=2mA
n=10pcs
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1
10
100
0.1
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
Ifsm
1cyc
8.3ms
t
Ifsm
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
Ta=25℃
VR=25V
n=30pcs
AVE:0.0116nA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com