Electronic Components Datasheet Search
  English  ▼

X  

SSCW110101 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSCW110101
Description  Detector Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSCW110101 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSCW110101 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSCW110101 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power
61
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Product Line
Poles
1
1
Female connector
type
Positions
Product No.
Terminal type
10,000
Minimum
order unit
(pcs)
SSCW110101
Two-way Detection Type with Female Connector Terminal
SSCW Series
A connector type detector switch eliminates the need for solder.
Detector Switch
Unit:mm
Dimensions
Style
ON starting position
0.46
R0
.55
(R6.1)
(6.6)
Operating force
measuring position
Total travel position
Terminal No.2
Terminal No.1
ø2.6
G2 hole
(4)
3.46
13.1
7
10
1.23
(4)
6.8
6.9
2
5.3
Unit:mm
1
2
Circuit Diagram
Reference Drawing for Unit Terminals
7
ø2
10
0.635
0.2
2-5
2-5.6
Operating life
0.1A 12V DC/100
BA 3V DC
1N max.
500m
Ωmax./1Ωmax.
100,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial/After operating life)
Operating force
100,000cycles
(0.1A 12V DC)
Without load
With load
Typical Specifications
Please place purchase orders per minimum order unit
(integer).
Note


Similar Part No. - SSCW110101

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSCW110101 ALPS-SSCW110101 Datasheet
826Kb / 3P
Two-way Detection Type with Female Connector Terminal
More results

Similar Description - SSCW110101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
104-TE800-EV ETC2-104-TE800-EV Datasheet
86Kb / 1P
Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SSCN110101 ALPS-SSCN110101 Datasheet
129Kb / 2P
Detector Switch
SSCTL10600 ALPS-SSCTL10600 Datasheet
261Kb / 2P
Detector Switch
SSCUL10200 ALPS-SSCUL10200 Datasheet
266Kb / 2P
Detector Switch
logo
SHINMEI ELECTRIC CO., L...
MSS-08AU-24 SHINMEI-MSS-08AU-24 Datasheet
104Kb / 2P
Detector Switch
MSS-10-1 SHINMEI-MSS-10-1 Datasheet
185Kb / 5P
Detector Switch
SSS-19-2AU SHINMEI-SSS-19-2AU Datasheet
78Kb / 2P
Detector switch
SSS-52 SHINMEI-SSS-52 Datasheet
76Kb / 3P
Detector Switch
SSS-57-1 SHINMEI-SSS-57-1 Datasheet
444Kb / 2P
Detector Switch
SSS-62 SHINMEI-SSS-62 Datasheet
72Kb / 3P
Detector Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com