Electronic Components Datasheet Search
  English  ▼

X  

2SC2275 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # 2SC2275
Description  NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

2SC2275 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  2SC2275 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC2275
NPN EPITAXIAL SILICON TRANSISTOR
LOW FREQUENCY POWER AMPLIFIER
TO-220
! Complement to 2SA985
ABSOLUTE MAXIMUM RATINGS (T
A=25℃
℃
℃
℃)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base voltage
Collector Current (DC)
Collector Dissipation (Tc=25℃)
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
120
120
7
1.5
25
150
-50~150
V
V
V
A
W
℃
℃
℃
℃
℃
℃
℃
℃
ELECTRICAL CHARACTERISTICS (T
A=25℃
℃
℃
℃)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Cutoff Current
Emitter Cutoff Current
DC Current Gain
Collector- Emitter Saturation Voltage
Current Gain Bandwidth Product
ICBO
IEBO
hFE1
VCE(sat)
fT
VCB= 120V , IE=0
VEB= 7V ,
IC=0
VCE= 5V , IC=0.3A
IC=2A ,
IB=0.2A
VCE= 5V , IC=0.5A
150
180
100
100
1.5
µA
µA
V
MHZ
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com


Similar Part No. - 2SC2275

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2275 ETC-2SC2275 Datasheet
88Kb / 1P
PNP/NPN SILICON EPITAXIAL TRANSISTOR
logo
Savantic, Inc.
2SC2275 SAVANTIC-2SC2275 Datasheet
94Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC2275 JMNIC-2SC2275 Datasheet
162Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2275 ISC-2SC2275 Datasheet
138Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2275 SAVANTIC-2SC2275 Datasheet
96Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC2275

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SC1061 WINGS-2SC1061 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SC1454 WINGS-2SC1454 Datasheet
66Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SC1827 WINGS-2SC1827 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SC2233 WINGS-2SC2233 Datasheet
65Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD1437 WINGS-2SD1437 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD235 WINGS-2SD235 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD526 WINGS-2SD526 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD613 WINGS-2SD613 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD880 WINGS-2SD880 Datasheet
28Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD288 WINGS-2SD288 Datasheet
33Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com