Electronic Components Datasheet Search
  English  ▼

X  

SSSS910400 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS910400
Description  Slide Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS910400 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SSSS910400 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS910400 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS910400 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS910400 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS910400 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS910400 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5(H)mm, 2mm-travel Type
SSSS9 Series
Slide Switch
2
2
3-ø0.7 holes
8
1-pole, 2-positions
Standard type
Terminal No.1
2
3.7
4.7
3 or 5
0.35
2 or 4
11.5
9
2
2
0.5
0.5
0.5
2
0.5
0.5
Detail of knob
Travel
PC board
mounting face
A
132
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
22
8-ø0.7 holes
1.5
1.5
16.5
4
22
8-ø0.7 holes
4
6-ø0.7 holes
22
14
2
2-C
0.3
2
2 2
11.5
0.5
A
PC board
mounting face
15.9
16.9
4
2
Terminal No.1
a
7.2
2
0.35
4
2.5
Travel
ab c
14
2
2-C
0.3
2
22
11.5
0.5
Travel
A
PC board
mounting face
4
Terminal No.1
2
7.2
2
0.35
5.5
4
2.5
ab c
Vertical Actuator Type
Style
No.
PC board mounting hole dimensions
(Viewed from the direction A)
5
2-poles, 2-positions
Standard type
6
2-poles, 3-positions
Standard type
7
2-poles, 3-positions
Snap-in type
Dimensions
Unit:mm
11.5
2
2-C
0.3
2-C
0.3
2
2 2
9
0.5
Travel
A
PC board
mounting face
7.2
2
0.35
5.5
4
2.5
Terminal No. 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com