Electronic Components Datasheet Search
  English  ▼

X  

SSSS910800 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS910800
Description  Slide Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS910800 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSSS910800 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS910800 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS910800 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS910800 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS910800 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS910800 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
131
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
11.5
2
2
22
9
0.5
A
PC board
mounting face
4.7
2
0.35
3.7
Travel
Terminal No.1
14
2
2-C0.3
2
22
11.5
0.5
Travel
4.7
2
0.35
3.7
A
PC board
mounting face
4
2
Terminal No. 1
c
b
a
22
4-ø0.7 holes
4
22
3-ø0.7 holes
11.5
2
2-C0.3
2
2 2
9
0.5
4.7
2
0.35
A
PC board
mounting face
a
13.3
14.3
Travel
Terminal No. 1
Style
No.
PC board mounting hole dimensions
(Viewed from the direction A)
1
1-pole, 2-positions
Standard type
2
1-pole, 2-positions
Snap-in type
3
Dimensions
Unit:mm
Vertical Actuator Type
22
3-ø0.7 holes
1.5
1.5
13.9
1-pole, 3-positions
Standard type
5(H)mm, 2mm-travel Type
SSSS9 Series
Slide Switch
14
2
2
22
11.5
0.5
4.7
2
0.35
A
PC board
mounting face
a
15.9
16.9
4
Terminal No.1
2-C
0.3
Travel
ab c
2
22
4-ø0.7 holes
1.5
1.5
16.5
4
4
1-pole, 3-positions
Snap-in type



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com