Electronic Components Datasheet Search
  English  ▼

X  

SSSS918700 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS918700
Description  Slide Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS918700 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSSS918700 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8
9
10
12
14
8
9
10
11
12
13
14
15
2
4
1
2
1
2
2
3
2
3
2
3
2
3
Standard
Snap-in
(t1.6)
Standard
Snap-in
(t1.6)
Standard
Snap-in
(t1.6)
Standard
Snap-in
(t1.6)
Standard
Snap-in
(t1.6)
SSSS916900
SSSS915000
SSSS91B900
SSSS926400
SSSS928500
SSSS916400
SSSS914500
SSSS91B600
SSSS91A600
SSSS925800
SSSS923800
SSSS928200
SSSS925700
Horizontal
Non shorting
Not specified
Non shorting
Not specified
Non shorting
Not specified
Non shorting
Not specified
5.000
4.000
5.000
4.000
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please contact us for automotive use products.
3. Please place purchase orders per minimum order unit(integer).
Notes
130
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
5(H)mm, 2mm-travel Type
SSSS9 Series
1
2
3
4
5
6
1
2
3
4
5
6
7
2
4
1
2
1
2
2
3
2
3
2
3
2
3
Standard
Snap-in
(t1.6)
Standard
Snap-in
(t1.6)
Standard
Snap-in
(t1.6)
Standard
Snap-in
(t1.6)
Standard
Snap-in
(t1.6)
SSSS912000
SSSS910400
SSSS919500
SSSS918500
SSSS922000
SSSS921800
SSSS912500
SSSS910800
SSSS919800
SSSS918700
SSSS922500
SSSS923200
SSSS920600
Vertical
Mounting
method
Poles
Products No.
Positions
Drawing
No.
Actuator
direction
Actuator
length
(mm)
2
Travel
(mm)
Non shorting
Not specified
Non shorting
Not specified
Non shorting
Not specified
Non shorting
Not specified
Changeover
timing
Manual,
Dip
Soldering
5.000
4.000
5.000
4.000
Minimum order
unit
(pcs.)
Product Line
Mid-size general purpose type well established for it's user friendliness.
Slide Switch
Operating life
0.1A 12V DC/50
BA 3V DC
30m
Ω max./80mΩ max.
10,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial performance/After lifetime)
10,000cycles
(0.1A 12V DC)
Without load
With load
Typical Specifications
Operating force
2-positions
3
±1.5N
3-positions
a, c
→ b 2±1N
b
→ a, c 3±1.5N


Similar Part No. - SSSS918700

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS918700 ALPS-SSSS918700 Datasheet
1Mb / 8P
Mid-size general purpose type well established for user friendliness
More results

Similar Description - SSSS918700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS60012F-0102-4V-NB ETC2-SS60012F-0102-4V-NB Datasheet
133Kb / 1P
Slide Switch
103-5006-EV ETC2-103-5006-EV Datasheet
134Kb / 1P
Slide Switch
105-SV68010F-23FT ETC2-105-SV68010F-23FT Datasheet
71Kb / 1P
Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSB021500 ALPS-SSSB021500 Datasheet
272Kb / 4P
Slide Switch
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
Slide Switch
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
Slide Switch
SSSU011700 ALPS-SSSU011700 Datasheet
306Kb / 5P
Slide Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com