Electronic Components Datasheet Search
  English  ▼

X  

57Z Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 57Z
Description  Impedance Matching Pads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

57Z Datasheet(HTML) 1 Page - JFW Industries, Inc.

  57Z Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*
57Z
DC-1000 MHz
50 Ohms male
75 Ohms female
5.7 dB +/- 0.5 dB
1.2:1
75Z
DC-1000 MHz
75 Ohms male
50 Ohms female
5.7 dB +/- 0.5 dB
1.2:1
57Z-2G
DC-2000 MHz
50 Ohms male
75 Ohms female
5.7 dB +/- 0.5 dB
1.2:1 DC-1000 MHz
1.3:1 1000-2000 MHz
75Z-2G
DC-2000 MHz
75 Ohms male
50 Ohms female
5.7 dB +/- 0.5 dB
1.2:1 DC-1000 MHz
1.3:1 1000-2000 MHz
57Z-3G
DC-3000 MHz
50 Ohms male
75 Ohms female
5.7 dB +/- 0.3 dB DC-1500 MHz
5.7 dB +/- 0.5 dB 1500-3000 MHz
1.2:1 DC-1500 MHz
1.35:1 1500-3000 MHz
75Z-3G
DC-3000 MHz
75 Ohms male
50 Ohms female
5.7 dB +/- 0.3 dB DC-1500 MHz
5.7 dB +/- 0.5 dB 1500-3000 MHz
1.2:1 DC-1500 MHz
1.35:1 1500-3000 MHz
* OTHER IMPEDANCES AVAILABLE - PLEASE CONTACT THE FACTORY
57Z-3G / 75Z-3G
N
57Z / 75Z / 57Z-2G / 75Z-2G N
1 Watt average
1000 Watts peak
-20° C to +85° C
BNC, TNC, N or SMA
BNC, TNC, N or F
57Z-2G / 75Z-2G
BNC
57Z / 75Z BNC
8-4


Similar Part No. - 57Z

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
57Z JFW-57Z Datasheet
26Kb / 1P
IMPEDANCE MATCHING PAD
57Z-2G JFW-57Z-2G Datasheet
27Kb / 1P
IMPEDANCE MATCHING PAD
57Z-2G JFW-57Z-2G Datasheet
27Kb / 1P
IMPEDANCE MATCHING PAD
57Z-2G JFW-57Z-2G_16 Datasheet
27Kb / 1P
IMPEDANCE MATCHING PAD
57Z-3G JFW-57Z-3G Datasheet
26Kb / 1P
IMPEDANCE MATCHING PAD
More results

Similar Description - 57Z

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
57ZT JFW-57ZT Datasheet
48Kb / 1P
Impedance Matching Transformers
57Z JFW-57Z_1 Datasheet
26Kb / 1P
IMPEDANCE MATCHING PAD
57Z-2G JFW-57Z-2G Datasheet
27Kb / 1P
IMPEDANCE MATCHING PAD
57Z-3G JFW-57Z-3G Datasheet
26Kb / 1P
IMPEDANCE MATCHING PAD
logo
List of Unclassifed Man...
140NEX ETC2-140NEX Datasheet
313Kb / 2P
IMPEDANCE MATCHING TRANSFORMER
140PEX ETC2-140PEX Datasheet
344Kb / 2P
IMPEDANCE MATCHING TRANSFORMER
logo
Hammond Manufacturing L...
140MEX HAMMOND-140MEX Datasheet
311Kb / 1P
IMPEDANCE MATCHING TRANSFORMER
logo
JFW Industries, Inc.
57Z JFW-57Z_17 Datasheet
27Kb / 1P
IMPEDANCE MATCHING PAD
57Z-3G JFW-57Z-3G_17 Datasheet
27Kb / 1P
IMPEDANCE MATCHING PAD
57ZT JFW-57ZT_18 Datasheet
26Kb / 1P
IMPEDANCE MATCHING TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com