Electronic Components Datasheet Search
  English  ▼

X  

57Z Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 57Z
Description  IMPEDANCE MATCHING PAD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

57Z Datasheet(HTML) 1 Page - JFW Industries, Inc.

  57Z Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IMPEDANCE MATCHING PAD
SPECIFICATION SHEET
JFW MODEL 57Z AND 75Z
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
DC-1000 MHz
Impedance
57Z
50 Ohm male
75 Ohm female
75Z
75 Ohm male
50 Ohm female
VSWR
1.2:1 maximum
Attenuation Loss
5.7 dB ± 0.5 dB
RF Input Power
1 Watt average
1000 Watts peak
RF Connector
50 Ohm end - N, N M RT, BNC, TNC or SMA
75 Ohm end - N, BNC, TNC, F or BNC panel
mount
Operating Temperature Range
-20ºC to +85ºC
Physical Size
See outline drawing:
092-004
(BNC M / BNC F)
092-164
(N M / N F)
092-1903 (N M /BNC F)
092-3998 (N F / N F)
092-701
(SMA F / BNC F PM)
092-4282 (SMA F / F F)
092-1360 (SMA M / BNC F)
092-180
(TNC M / TNC F)
092-4861 (N M RT/ N F)
092-4938 (N F/N F-PM)
35
09/22/1992
A
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
2231
11/12/1999
B
4459
02/06/2004
C
CLV 02/06/2004
15215
01/21/2008
E
SMR 01/21/2008
11483
07/13/2005
D
BAC 07/13/2005
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 57Z

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
57Z JFW-57Z Datasheet
41Kb / 1P
Impedance Matching Pads
57Z-2G JFW-57Z-2G Datasheet
41Kb / 1P
Impedance Matching Pads
57Z-2G JFW-57Z-2G Datasheet
27Kb / 1P
IMPEDANCE MATCHING PAD
57Z-2G JFW-57Z-2G Datasheet
27Kb / 1P
IMPEDANCE MATCHING PAD
57Z-2G JFW-57Z-2G_16 Datasheet
27Kb / 1P
IMPEDANCE MATCHING PAD
More results

Similar Description - 57Z

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ALMP-5075+ MINI-ALMP-5075+ Datasheet
214Kb / 1P
Matching Pad
BMP-5075+ MINI-BMP-5075+ Datasheet
134Kb / 1P
Matching Pad
BMP-5075R+ MINI-BMP-5075R+ Datasheet
69Kb / 1P
Matching Pad
logo
JFW Industries, Inc.
57Z-2G JFW-57Z-2G Datasheet
27Kb / 1P
IMPEDANCE MATCHING PAD
57Z-3G JFW-57Z-3G Datasheet
26Kb / 1P
IMPEDANCE MATCHING PAD
57Z JFW-57Z_17 Datasheet
27Kb / 1P
IMPEDANCE MATCHING PAD
57Z-2G JFW-57Z-2G_16 Datasheet
27Kb / 1P
IMPEDANCE MATCHING PAD
57Z-3G JFW-57Z-3G_17 Datasheet
27Kb / 1P
IMPEDANCE MATCHING PAD
logo
Mini-Circuits
UNMP-5075-33R MINI-UNMP-5075-33R Datasheet
284Kb / 3P
Matching Pad
BMP-5075 MINI-BMP-5075 Datasheet
181Kb / 1P
Matching Pad
REV. E
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com