Electronic Components Datasheet Search
  English  ▼

X  

2SB1709 Datasheet(PDF) 1 Page - Rohm

Part # 2SB1709
Description  Genera purpose amplification(−12V, −1.5A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1709 Datasheet(HTML) 1 Page - Rohm

  2SB1709 Datasheet HTML 1Page - Rohm 2SB1709 Datasheet HTML 2Page - Rohm 2SB1709 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SB1709
Transistors
Rev.B
1/2
Genera purpose amplification(
−12V, −1.5A)
2SB1709
Application
Low frequency amplifier
Driver
Features
1) A collector current is large.
2) Collector saturation voltage is low.
VCE(sat)
≤ −200mV
at IC = −500mA / IB = −25mA
External dimensions
(Unit : mm)
Each lead has same dimensions
(1) Base
(2) Emitter
(3) Collector
TSMT3
0~0.1
0.16
0.85
1.0MAX
0.7
(2)
(1)
(3)
2.9
1.9
0.95
0.95
0.4
Absolute maximum ratings
(Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
−15
−12
−6
−1.5
500
150
−55~+150
−3
∗1
Unit
V
V
V
A
A
mW
°C
°C
∗2
∗1
∗2
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
Single pulse, PW
=1ms
Each Terhinal Mounted on a Recommended Land
Packaging specifications
2SB1709
TL
3000
Type
Package
Code
Basic ordering unit (pieces)
Taping
Electrical characteristics
(Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCB
=−10V, IE=0A, f=1MHz
fT
−
400
−
MHz
VCE
=−2V, IE=200mA, f=100MHz
BVCBO
−15
−−
V
IC
=−10µA
BVCEO
−12
−−
V
IC
=−1mA
BVEBO
−6
−−
V
IE
=−10µA
ICBO
−−
−100
nA
VCB
=−15V
IEBO
−−
−100
nA
VEB
=−6V
VCE(sat)
−−85
−200
mV
IC
=−500mA, IB=−25mA
hFE
270
−
680
−
VCE
=−2V, IC=−200mA
Cob
−
12
−
pF
∗
∗
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current gain
Transition frequency
Corrector output capacitance
∗ Pulsed


Similar Part No. - 2SB1709

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1709 ROHM-2SB1709 Datasheet
104Kb / 3P
Genera purpose amplification(-12V, -1.5A)
More results

Similar Description - 2SB1709

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1709 ROHM-2SB1709 Datasheet
104Kb / 3P
Genera purpose amplification(-12V, -1.5A)
2SB1732 ROHM-2SB1732 Datasheet
102Kb / 3P
Genera purpose amplification(-12V, -1.5A)
QST2 ROHM-QST2 Datasheet
68Kb / 3P
General purpose amplification (−12V, −3A)
QST8 ROHM-QST8 Datasheet
69Kb / 3P
General purpose amplification (−12V, −1.5A)
US6T8 ROHM-US6T8 Datasheet
69Kb / 3P
General purpose amplification (−12V, −1.5A)
2SB1690 ROHM-2SB1690_1 Datasheet
75Kb / 3P
General purpose amplification(−12V, −2A)
2SB1730 ROHM-2SB1730_1 Datasheet
76Kb / 3P
General purpose amplification(−12V, −2A)
2SB1732 ROHM-2SB1732_1 Datasheet
110Kb / 3P
Genera purpose amplification(−12V, −1.5A)
US6T8 ROHM-US6T8_1 Datasheet
76Kb / 3P
General purpose amplification (−12V, −1.5A)
2SB1732TL ROHM-2SB1732TL Datasheet
76Kb / 3P
Genera purpose amplification(??2V, ??.5A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com