Electronic Components Datasheet Search
  English  ▼

X  

2SC5659 Datasheet(PDF) 1 Page - Rohm

Part # 2SC5659
Description  High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5659 Datasheet(HTML) 1 Page - Rohm

  2SC5659 Datasheet HTML 1Page - Rohm 2SC5659 Datasheet HTML 2Page - Rohm 2SC5659 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.B
High-frequency Amplifier Transistor
(25V, 50mA, 300MHz)
2SC5659 / 2SC4618 / 2SC4098 / 2SC2413K / 2SC2058S
Features
Dimensions (Unit : mm)
1) Low collector capacitance. (Cob : Typ. 1.3pF)
2) Low rbb, high gain, and excellent noise characteristics.
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
40
25
5
50
0.25
150
−55 to +150
Unit
V
V
V
mA
0.2
0.15
2SC2058S
2SC4098, 2SC2413K
2SC5659, 2SC4618
W
˚C
˚C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector
power
dissipation
Junction temperature
Storage temperature
Packaging specifications and hFE
Type
2SC4618
EMT3
TL
3000
2SC4098
UMT3
T106
3000
2SC2413K 2SC2058S
SMT3
T146
3000
SPT
P
P
P
P
P
A
∗
2SC5659
VMT3
T2L
8000
A
∗
TP
A
∗
A
∗
−
5000
∗ Denotes hFE
Package
hFE
Code
Basic ordering unit
(pieces)
Marking
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
fT
Cob
40
25
5
−
−
150
−
−
−
−
−
−
300
1.3
−
−
−
0.5
0.5
−
2.2
V
V
V
μA
μA
MHz
pF
IC=50
μA
IC
=1mA
IE
=50
μA
VCB
=24V
VEB
=3V
VCE(sat)
−
0.1
0.3
V
IC/IB
=10mA/1mA
hFE
−
82
180
−
VCE
=6V, IC=1mA
VCE
=6V, IE=
−1mA, f=100MHz
VCB
=6V, IE=0A, f=1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Transition frequency
Output capacitance
Collector-emitter saturation voltage
DC current transfer ratio
2SC4618
ROHM : EMT3
EIAJ : SC-75A
(3) Collector
(1) Emitter
(2) Base
0.1Min.
1.6
0.8
(2)
(3)
(1)
2SC4098
ROHM : UMT3
EIAJ : SC-70
(3) Collector
(1) Emitter
(2) Base
Each lead has same dimensions
1.25
2.1
0.1to0.4
2SC2413K
ROHM : SMT3
EIAJ : SC-59
(3) Collector
(1) Emitter
(2) Base
Each lead has same dimensions
0.3to0.6
2.8
1.6
2SC5058S
ROHM : SPT
EIAJ : SC-72
0.45
2.5
(1) (2) (3)
(3) Base
(1) Emitter
(2) Collector
5
Taping specifications
0.45
0.5
42
2SC5659
ROHM : VMT3
(1) Base
(3) Collector
(2) Emitter
(3)
1.2
0.8
0.2
0.15Max.
0.2
(2)
(1)


Similar Part No. - 2SC5659

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5659 ROHM-2SC5659 Datasheet
80Kb / 4P
High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
2SC5659 ROHM-2SC5659 Datasheet
147Kb / 3P
High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
2SC5659 ROHM-2SC5659 Datasheet
105Kb / 3P
High-frequency Amplifier Transistor
2SC5659 ROHM-2SC5659_10 Datasheet
147Kb / 3P
High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
More results

Similar Description - 2SC5659

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5659 ROHM-2SC5659 Datasheet
80Kb / 4P
High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
2SC5662 ROHM-2SC5662 Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC4726 ROHM-2SC4726_1 Datasheet
74Kb / 3P
High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC4725 ROHM-2SC4725_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC4726 ROHM-2SC4726_10 Datasheet
153Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC5659 ROHM-2SC5659_10 Datasheet
147Kb / 3P
High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
2SC5661 ROHM-2SC5661_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC3838KT146P ROHM-2SC3838KT146P Datasheet
98Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC3837KT146P ROHM-2SC3837KT146P Datasheet
128Kb / 5P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC4726TLP ROHM-2SC4726TLP Datasheet
98Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com