Electronic Components Datasheet Search
  English  ▼

X  

2SCR554P Datasheet(PDF) 3 Page - Rohm

Part # 2SCR554P
Description  Midium Power Transistors (80V / 1.5A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR554P Datasheet(HTML) 3 Page - Rohm

  2SCR554P_09 Datasheet HTML 1Page - Rohm 2SCR554P_09 Datasheet HTML 2Page - Rohm 2SCR554P_09 Datasheet HTML 3Page - Rohm 2SCR554P_09 Datasheet HTML 4Page - Rohm 2SCR554P_09 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
Data Sheet
2SCR554P
Electrical characteristic curves
COLLECTOR - BASE VOLTAGE : VCB [V]
EMITTER - BASE VOLTAGE : VEB [V]
Fig.7 Emitter Input Capacitance vs.
Emitter-Base Voltage
Collector Output Capacitance vs.
Collector-Base Voltage
COLLECTOR CURRENT : IC[mA]
COLLECTOR CURRENT : IC[mA]
EMITTER CURRENT : IE[mA]
COLECTOR TO EMITTER VOLTAGE : VCE[V]
Fig.6 Ground Emitter Propagation
Characteristics
Fig.1 Typical Output Characteristics
COLLECTOR CURRENT : IC[mA]
Fig.2 DC Current Gain vs.
Collector Current (
Ι )
COLLECTOR CURRENT : IC[mA]
Fig3. DC Current Gain vs.
Collector Current (
ΙΙ )
Fig.4 Collector-Emitter Saturation Voltage
vs. Collector Current (
Ι )
Fig.5 Collector-Emitter Saturation Voltage
vs. Collector Current (
ΙΙ )
Fig.8 Gain Bandwidth Product vs.
Emitter Current
Fig.9 Safe Operating Area
COLLECTOR TO EMITTER VOLTAGE : VCE[V]
BASE TO EMITTER VOLTAGE : VBE[V]
1
10
100
1000
10000
0
0.5
1
1.5
1
10
100
1000
0.1
1
10
100
0.1
1
10
100
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
10
100
1000
1
10000
1000
100
10
1
10000
1000
100
10
1
10000
1000
100
10
1
10000
1000
100
10
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
0.5
1
1.5
2
10
100
1000
10
100
1000
0.001
0.01
0.1
1
10
Cob
Cib
2.5mA
1.5mA
1.0mA
0.5mA
5mA
Ta=25°C
3mA
4mA
Ta=125°C
75°C
25°C
-40°C
Ta=25°C
f=1MHz
IE=0A
IC=0A
IC/IB=20
Ta=125°C
75°C
25°C
-40°C
Ta=25°C
IC/IB=50
20
10
VCE = 3V
VCE = 3V
Ta=125°C
75°C
25°C
-40°C
Ta=25°C
VCE = 5V
3V
100ms
10ms
1ms
Ta=25°C
VCE=10V
Single pulse
2.0mA
DC Ta=25°C
(Mounted on a
recommended land)
DC Ta=25°C
(Mounted on a ceramic board)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com